Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST3257MTC Datasheet(PDF) 4 Page - ON Semiconductor

Part # FST3257MTC
Description  Quad 2:1 Multiplexer / Demultiplexer Bus Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FST3257MTC Datasheet(HTML) 4 Page - ON Semiconductor

  FST3257MTC Datasheet HTML 1Page - ON Semiconductor FST3257MTC Datasheet HTML 2Page - ON Semiconductor FST3257MTC Datasheet HTML 3Page - ON Semiconductor FST3257MTC Datasheet HTML 4Page - ON Semiconductor FST3257MTC Datasheet HTML 5Page - ON Semiconductor FST3257MTC Datasheet HTML 6Page - ON Semiconductor FST3257MTC Datasheet HTML 7Page - ON Semiconductor FST3257MTC Datasheet HTML 8Page - ON Semiconductor FST3257MTC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
© 1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FST3257 • Rev. 1.0.3
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
+7.0
V
VS
DC Switch Voltage
-0.5
+7.0
V
VIN
DC Input Voltage
(1)
-0.5
+7.0
V
IIK
DC Input Current
-50
mA
IOUT
DC Output Sink Current
128
mA
ICC/IGND
DC VCC/GND Current
±100
mA
TSTG
Storage Temperature Range
-65
+150
°C
Note:
1.
The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are
observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VCC
Power Supply Operating
3.0
5.5
V
VIN
Input Voltage
0
5.5
V
VOUT
Output Voltage
0
5.5
V
Switch Control Input
0
5
tr,tf
Input Rise and Fall Time
Switch I/O
0
DC
ns/V
TA
Free Air Operating Temperature
-40
+85
°C
Note:
2.
Unused control inputs must be held HIGH or LOW. They may not float.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com