Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST3257MTC Datasheet(PDF) 2 Page - ON Semiconductor

Part # FST3257MTC
Description  Quad 2:1 Multiplexer / Demultiplexer Bus Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FST3257MTC Datasheet(HTML) 2 Page - ON Semiconductor

  FST3257MTC Datasheet HTML 1Page - ON Semiconductor FST3257MTC Datasheet HTML 2Page - ON Semiconductor FST3257MTC Datasheet HTML 3Page - ON Semiconductor FST3257MTC Datasheet HTML 4Page - ON Semiconductor FST3257MTC Datasheet HTML 5Page - ON Semiconductor FST3257MTC Datasheet HTML 6Page - ON Semiconductor FST3257MTC Datasheet HTML 7Page - ON Semiconductor FST3257MTC Datasheet HTML 8Page - ON Semiconductor FST3257MTC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
May 2009
© 1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FST3257 • Rev. 1.0.3
FST3257
Quad 2:1 Multiplexer / Demultiplexer Bus Switch
Features
4
Ω Switch Connection Between Two Ports
Minimal Propagation Delay Through the Switch
Low ICC
Zero Bounce in Flow-Through Node
Control Inputs Compatible with TTL Level
Description
The Fairchild Switch FST3257 is a quad 2:1 high-speed
CMOS TTL-compatible multiplexer / demultiplexer bus
switch. The low on resistance of the switch allows
inputs to be connected to outputs without adding
propagation delay or generating additional ground
bounce noise.
When /OE is LOW, the select pin connects the A port to
the selected B port output. When /OE is HIGH, the
switch is OPEN and a high-impedance state exists
between the two ports.
Ordering Information
Part Number
Operating
Temperature
Range
Eco Status
Package
Packing
Method
FST3257M
-40 to 85°C
Tubes
FST3257MX
-40 to 85°C
RoHS
16-Lead Small Outline Integrated Circuit
(SOIC) JEDEC MS-012,0.150 Narrow
Tape and Reel
FST3257QSC
-40 to 85°C
Tubes
FST3257QSCX
-40 to 85°C
Green
16-Lead Quarter Size Outline Package
(QSOP) JEDEC MO-137 0.150 Inch Wide
Tape and Reel
FST3257MTC
-40 to 85°C
Tubes
FST3257MTCX
-40 to 85°C
RoHS
16-Lead Thin Shrink Small Outline Package
(TSSOP) JEDEC MO-153, 4mm Wide
Tape and Reel
For Fairchild’s definition of Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com