Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST3257MTC Datasheet(PDF) 6 Page - ON Semiconductor

Part # FST3257MTC
Description  Quad 2:1 Multiplexer / Demultiplexer Bus Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FST3257MTC Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FST3257MTC Datasheet HTML 2Page - ON Semiconductor FST3257MTC Datasheet HTML 3Page - ON Semiconductor FST3257MTC Datasheet HTML 4Page - ON Semiconductor FST3257MTC Datasheet HTML 5Page - ON Semiconductor FST3257MTC Datasheet HTML 6Page - ON Semiconductor FST3257MTC Datasheet HTML 7Page - ON Semiconductor FST3257MTC Datasheet HTML 8Page - ON Semiconductor FST3257MTC Datasheet HTML 9Page - ON Semiconductor FST3257MTC Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
© 1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FST3257 • Rev. 1.0.3
5
AC Electrical Characteristics
TA=-40 to +85°C, CL= 50pF,
RU=RD=500
Ω
VCC= 4.5
to 5.5V
VCC=4.0V
VCC=3.0
to 3.6V
(7)
Units
Figure
Symbol
Parameter
Conditions
Min.
Max.
Min.
Max.
Min.
Max.
Propagation Delay
Bus to Bus
(6)
0.25
tPHL,tPLH
Propagation Delay
Select to Bus A
(6)
VIN=Open
0.25
0.25
1.0
6.8
ns
Figure 3
Figure 4
Output Enable
Time, Select to
Bus B
1.0
7.9
tPZH,tPZL
Output Enable
Time, Select to
Bus /OE
VIN=7V for tPZL
VIN=Open for
tPZH
1.0
5.0
5.5
1.0
8.5
ns
Figure 3
Figure 4
Output Disable
Time, Select to
Bus B
1.0
9.9
tPHZ,tPLZ
Output Disable
Time, Select to
Bus /OE
VIN=7V for tPLZ
VIN=Open for
tPHZ
1.5
5.3
5.6
1.5
9.9
ns
Figure 3
Figure 4
Notes:
6.
This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other
than the RC delay of the typical on resistance of the switch and the 50pF load capacitance, when driven by an
ideal voltage source (zero output impedance).
7.
These parameters are guaranteed by design, but not tested.
Capacitance
TA=+25°C, f=1MHz. Capacitance is characterized by not tested.
Symbol
Parameter
Conditions
Typ.
Max.
Units
CIN
Control Pin Input Capacitance
VCC=5.0V
3.0
pF
A Port
7.0
B Port
VCC /OE=5.0V
5.0
pF
A Port
3.0
CI/O
Input/Output Capacitance
B Port
VCC /OE=3.3V
3.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com