Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST3257MTC Datasheet(PDF) 3 Page - ON Semiconductor

Part # FST3257MTC
Description  Quad 2:1 Multiplexer / Demultiplexer Bus Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FST3257MTC Datasheet(HTML) 3 Page - ON Semiconductor

  FST3257MTC Datasheet HTML 1Page - ON Semiconductor FST3257MTC Datasheet HTML 2Page - ON Semiconductor FST3257MTC Datasheet HTML 3Page - ON Semiconductor FST3257MTC Datasheet HTML 4Page - ON Semiconductor FST3257MTC Datasheet HTML 5Page - ON Semiconductor FST3257MTC Datasheet HTML 6Page - ON Semiconductor FST3257MTC Datasheet HTML 7Page - ON Semiconductor FST3257MTC Datasheet HTML 8Page - ON Semiconductor FST3257MTC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FST3257 • Rev. 1.0.3
2
Pin Assignments
Figure 2. Connection Diagram
Figure 1. Logic Diagram
Pin Descriptions
Pin #
Names
Description
1
S
Select Input
2, 3, 5, 6, 10, 11, 13, 14
1B1, 1B2 ,2B1, 2B2, 3B1, 3B2, 4B1, 4B2
Bus B
4, 7, 9, 12
1A, 2A, 3A, 4A
Bus A
8
GND
Ground
15
/OE
Bus Switch Enables
16
VCC
Supply Voltage
Truth Table
Select Inputs
Bus Switch Enabled
Function
S
Logic Level HIGH
Disconnected
Logic Level LOW
Logic Level LOW
A=B1
Logic Level HIGH
Logic Level LOW
A=B2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com