Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST3257MTC Datasheet(PDF) 5 Page - ON Semiconductor

Part # FST3257MTC
Description  Quad 2:1 Multiplexer / Demultiplexer Bus Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FST3257MTC Datasheet(HTML) 5 Page - ON Semiconductor

  FST3257MTC Datasheet HTML 1Page - ON Semiconductor FST3257MTC Datasheet HTML 2Page - ON Semiconductor FST3257MTC Datasheet HTML 3Page - ON Semiconductor FST3257MTC Datasheet HTML 4Page - ON Semiconductor FST3257MTC Datasheet HTML 5Page - ON Semiconductor FST3257MTC Datasheet HTML 6Page - ON Semiconductor FST3257MTC Datasheet HTML 7Page - ON Semiconductor FST3257MTC Datasheet HTML 8Page - ON Semiconductor FST3257MTC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FST3257 • Rev. 1.0.3
4
DC Electrical Characteristics
TA=-40 to +85°C
Symbol
Parameter
Conditions
VCC (V)
Min.
Typ.
(3)
Max.
Units
VIK
Clamp Diode Voltage
IIN=-18mA
4.5
-1.2
V
3.0 to 3.6
(5)
1.8
VIH
High-Level Input Voltage
4.0 to 5.5
2.0
V
3.0 to 3.6
(5)
0.7
VIL
Low-Level Input Voltage
4.0 to 5.5
0.8
V
IIN
Input Leakage Current
0
≤ V
IN ≤ 5.5
5.5
±1.0
µA
IOZ
Off-state Leakage Current
0
≤ A, B ≤ V
CC
5.5
±1.0
µA
VIN=0V, IIN=64mA
3.3
(5)
13
20
VIN=0V, IIN=30mA
3.3
(5)
28
40
VIN=2.4V, IIN=15mA
3.3
(5)
200
230
VIN=2.4V, IIN=15mA
3.0
(5)
210
250
VIN=0V, IIN=64mA
4.5
4
7
VIN=0V, IIN=30mA
4.5
4
7
VIN=2.4V, IIN=15mA
4.5
8
15
RON
Switch On Resistance
(4)
VIN=2.4V, IIN=15mA
4.0
11
20
Ω
ICC
Quiescent Supply Current
VIN=VCC or GND,
IOUT=0,
5.5
3
µA
ΔI
CC
Increase in ICC per input
One Input at 3.4V, Other
inputs at VCC or GND
5.5
2.5
mA
Notes:
3.
Typical values are at nominal VCC for the VCC range and TA=25°C.
4.
Measured by the voltage drop between A and B pins at the indicated current through the switch. On resistance
is determined by the lower of the voltages on the A or B pins.
5.
This parameter is guaranteed by design, but is not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com