Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P7SA-10F Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # P7SA-10F
Description  Compact, Slim Relays Conforming to EN Standards
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P7SA-10F Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button P7SA-10F Datasheet HTML 4Page - Omron Electronics LLC P7SA-10F Datasheet HTML 5Page - Omron Electronics LLC P7SA-10F Datasheet HTML 6Page - Omron Electronics LLC P7SA-10F Datasheet HTML 7Page - Omron Electronics LLC P7SA-10F Datasheet HTML 8Page - Omron Electronics LLC P7SA-10F Datasheet HTML 9Page - Omron Electronics LLC P7SA-10F Datasheet HTML 10Page - Omron Electronics LLC P7SA-10F Datasheet HTML 11Page - Omron Electronics LLC P7SA-10F Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
G7SA
8
Dimensions
(Unit: mm)
Safety Relay Unit
G7SA-2A2B
G7SA-4A2B
G7SA-3A3B
Ten, 1.4 dia.
(
±0.1 tolerance)
(
±0.1 tolerance)
4 poles
G7SA-3A1B
G7SA-2A2B
6 poles
G7SA-5A1B
G7SA-4A2B
G7SA-3A3B
Terminal Arrangement/
Internal Connection Diagram
(Bottom View)
G7SA-3A1B
Printed Circuit Board
Design Diagram
(Bottom View)
Terminal Arrangement/
Internal Connection Diagram
(Bottom View)
G7SA-5A1B
Printed Circuit Board
Design Diagram
(Bottom View)
40 max.
0.5
13 max.
0.5
1
3.5
24 max.
11.43
5.08
5.08
13.97
10.16
(1.83)
11.43
5.08
5.08 5.08 5.08
13.97
10.16
(1.83)
13 max.
1
24 max.
3.5
0.5
0.5
50 max.
Fourteen, 1.4 dia.
34
43
33
44
22
21
12
11
1
0
−
+
−
+
34
43
33
44
24
23
12
11
1
0
−
+
54
64
63
53
32
43
31
44
22
21
12
11
1
0
−
+
54
64
63
53
34
43
33
44
22
21
12
11
1
0
−
+
54
64
63
53
34
43
33
44
24
23
12
11
1
0
Note: 1. Terminals 23-24, 33-34,
and 43-44 are normally
open. Terminals 11-12 and
21-22 are normally closed.
2. The colors of the cards
inside the Relays are as
follows: G7SA-3A1B: Blue
and G7SA-2A2B: White.
Note: 1. Terminals 23-24, 33-34,
43-44, 53-54, and 63-64
are normally open.
Terminals 11-12, 21-22,
and 31-32 are normally
closed.
2. The colors of the cards
inside the Relays are as
follows: G7SA-5A1B: Blue,
G7SA-4A2B: White, and
G7SA-3A3B: Yellow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com