Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P7SA-10F Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # P7SA-10F
Description  Compact, Slim Relays Conforming to EN Standards
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P7SA-10F Datasheet(HTML) 1 Page - Omron Electronics LLC

  P7SA-10F Datasheet HTML 1Page - Omron Electronics LLC P7SA-10F Datasheet HTML 2Page - Omron Electronics LLC P7SA-10F Datasheet HTML 3Page - Omron Electronics LLC P7SA-10F Datasheet HTML 4Page - Omron Electronics LLC P7SA-10F Datasheet HTML 5Page - Omron Electronics LLC P7SA-10F Datasheet HTML 6Page - Omron Electronics LLC P7SA-10F Datasheet HTML 7Page - Omron Electronics LLC P7SA-10F Datasheet HTML 8Page - Omron Electronics LLC P7SA-10F Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
New Product
Relays with Forcibly Guided Contacts
G7SA
Compact, Slim Relays Conforming to
EN Standards
• Additional Push-In Plus terminal sockets are used to save
wiring work in comparison with traditional screw terminals.
(Wiring time is reduced by 60%
* in comparison with
traditional screw terminals.)
• Relays with forcibly guided contacts (EN/IEC 61810-3,
Certified by VDE).
• Supports the CE marking of machinery (Machinery Directive).
• Helps avoid hazardous machine status when used as part of
an interlocking circuit.
• Four-pole and six-pole Relays are available.
• The Relay’s terminal arrangement simplifies PWB pattern
design.
• Reinforced insulation between inputs and outputs.
Reinforced insulation between some poles of different polarity.
* According to OMRON actual measurement data
Model Number Structure
Model Number Legend
For the most recent information on models that have been
certified for safety standards, refer to your OMRON website.
Note: Sockets are sold separately.
Be sure to read the Safety Precautions on page 13.
Main unit
Relays with forcibly guided contacts
G7SA-
@A@B@
⎯⎯
⎯
1
2
3
1. NO Contact Poles
2. NC Contact Poles
2: DPST-NO
1: SPST-NC
3: 3PST-NO
2: DPST-NC
4: 4PST-NO
3: 3PST-NC
5: 5PST-NO
Specify the power supply voltage (coil rated voltage) when ordering.
3. Coil Rated Voltage (V)
12 VDC
18 VDC
21 VDC
24 VDC
48 VDC
110 VDC
Options (order separately)
Sockets
P7SA-
@@-@-@@
⎯⎯⎯⎯ ⎯ ⎯ ⎯ ⎯ ⎯
1
2 3
4
5 6
1. Basic Model Name
P7SA: Socket for G7SA
2. Number of Poles
10: 4 poles (10 terminals)
14: 6 poles (14 terminals)
3. Mounting Type
F: Front-mounting
P: Back-mounting
4. LED Indicator
Blank: Without operation indicator LED/built-in diode
ND: With operation indicator LED/built-in diode
5. Terminal Type
Blank: Screw terminals when 3. is F type
PCB terminals when 3. is P type
PU: Push-In Plus terminals
6. Coil Rated Voltage (V)
24 VDC: When 4. is ND


Similar Part No. - P7SA-10F

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
P7SA-10F-ND DC24 OMRON-P7SA-10F-ND DC24 Datasheet
11Mb / 31P
Products Related to Common Sockets and DIN Tracks
2017.4
More results

Similar Description - P7SA-10F

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
JR1A-TM-AC115 NAIS-JR1A-TM-AC115 Datasheet
106Kb / 4P
SLIM TYPE POWER RELAYS
logo
DDK Ltd.
CE05 DDK-CE05 Datasheet
441Kb / 10P
Waterproof Circular Connectors Conforming to European Safety Standards
logo
Axiomtek Co., Ltd.
EM1611S AXIOMTEK-EM1611S Datasheet
219Kb / 1P
Slim compact design
logo
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
Compliant with European standards European standards power relays
APF30224 PANASONIC-APF30224 Datasheet
77Kb / 5P
Compliant with European standards 1a/1c 6A Slim power relays
APF10324 PANASONIC-APF10324 Datasheet
77Kb / 5P
Compliant with European standards 1a/1c 6A Slim power relays
logo
Panasonic Battery Group
PF PANASONICBATTERY-PF Datasheet
77Kb / 5P
Compliant with European standards 1a/1c 6A Slim power relays
logo
List of Unclassifed Man...
RJ1S-CL-D24 ETC2-RJ1S-CL-D24 Datasheet
722Kb / 10P
RJ Series Slim Power Relays
logo
DDK Ltd.
CE05-2A10SL-3PC-D DDK-CE05-2A10SL-3PC-D Datasheet
1Mb / 10P
Waterproof Circular Connectors Conforming to European Safety Standards
logo
Bel Fuse Inc.
FRH100-00 BEL-FRH100-00 Datasheet
774Kb / 6P
Meet railway industry EN 50155 / EN 50121-3-2 and AREMA standards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com