Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P7SA-10F Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # P7SA-10F
Description  Compact, Slim Relays Conforming to EN Standards
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P7SA-10F Datasheet(HTML) 2 Page - Omron Electronics LLC

  P7SA-10F Datasheet HTML 1Page - Omron Electronics LLC P7SA-10F Datasheet HTML 2Page - Omron Electronics LLC P7SA-10F Datasheet HTML 3Page - Omron Electronics LLC P7SA-10F Datasheet HTML 4Page - Omron Electronics LLC P7SA-10F Datasheet HTML 5Page - Omron Electronics LLC P7SA-10F Datasheet HTML 6Page - Omron Electronics LLC P7SA-10F Datasheet HTML 7Page - Omron Electronics LLC P7SA-10F Datasheet HTML 8Page - Omron Electronics LLC P7SA-10F Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
G7SA
2
Ordering Information
Main unit
Relays with Forcibly Guided Contacts
Options (order separately)
Sockets
Type
Sealing
Poles
Contact configuration
Coil rated voltage
Model
Standard
Flux-tight
4 poles
3PST-NO, SPST-NC
12, 18, 21, 24, 48, 110 VDC
G7SA-3A1B
DPST-NO, DPST-NC
12, 18, 21, 24, 48, 110 VDC
G7SA-2A2B
6 poles
5PST-NO, SPST-NC
12, 18, 21, 24, 48, 110 VDC
G7SA-5A1B
4PST-NO, DPST-NC
12, 18, 21, 24, 48, 110 VDC
G7SA-4A2B
3PST-NO, 3PST-NC
12, 18, 21, 24, 48, 110 VDC
G7SA-3A3B
Mounting
Terminal Type
LED
Indicator
Poles
Coil rated
voltage
Appearance
Model
Front-mounting
Push-In Plus terminals
Yes
4 poles
24 VDC
P7SA-10F-ND-PU
6 poles
P7SA-14F-ND-PU
Screw terminals
Yes
4 poles
P7SA-10F-ND
6 poles
P7SA-14F-ND
No
4 poles
−
P7SA-10F
6 poles
P7SA-14F
Back-mounting
PCB terminals
No
4 poles
−
P7SA-10P
6 poles
P7SA-14P
Specify the coil rated voltage when ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com