Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P7SA-10F Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # P7SA-10F
Description  Compact, Slim Relays Conforming to EN Standards
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P7SA-10F Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button P7SA-10F Datasheet HTML 6Page - Omron Electronics LLC P7SA-10F Datasheet HTML 7Page - Omron Electronics LLC P7SA-10F Datasheet HTML 8Page - Omron Electronics LLC P7SA-10F Datasheet HTML 9Page - Omron Electronics LLC P7SA-10F Datasheet HTML 10Page - Omron Electronics LLC P7SA-10F Datasheet HTML 11Page - Omron Electronics LLC P7SA-10F Datasheet HTML 12Page - Omron Electronics LLC P7SA-10F Datasheet HTML 13Page - Omron Electronics LLC P7SA-10F Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
G7SA
10
44
33
34
43
24
23
12
11
1
0
11
1
0
44
33
34
43
22
21
12
22.5 max.
2R
Ten,
M3×8
9 max.
5
9 max.
80±0.2
60.5 max.
72 max.
LED
indicator
4 dia.
14.5±0.2
Two, 4 dia.
or M3.5
G7SA-3A1B Mounted
Terminal Arrangement/Internal Connection Diagram (Top View)
Mounting Hole Placement Diagram (Top View)
G7SA-2A2B Mounted
**
* This display circuit is available only for "-ND" models.
Note: Terminals 23-24, 33-34, and 43-44 are normally open.
Terminals 11-12 and 21-22 are normally closed.
2: Only the -ND Sockets have LED indicators (orange)
Note 1: The front view shows with the finger cover removed.
Front-mounting Sockets
Screw terminals 4 poles
P7SA-10F, P7SA-10F-ND
The above figure shows with the finger cover mounted.
64
63
44
43
24
23
1
0
11
12
33
34
53
54
64
63
44
43
22
21
1
0
11
12
33
34
53
54
64
63
44
43
22
21
1
0
11
12
31
32
53
54
G7SA-5A1B
Mounted
Terminal Arrangement/Internal Connection Diagram (Top View)
Mounting Hole Placement Diagram (Top View)
G7SA-3A3B
Mounted
G7SA-4A2B
Mounted
30 max.
9 max.
9 max.
5
80±0.2
60.5 max.
72 max.
4 dia.
22±0.2
Two, 4 dia.
or M3.5
2R
Fourteen,
M3 × 8
LED
indicator
***
* This display circuit is available only for "-ND" models.
Note: Terminals 23-24, 33-34, 43-44, 53-54, and 63-64 are normally
open. Terminals 11-12, 21-22, and 31-32 are normally closed.
2: Only the -ND Sockets have LED indicators (orange).
Note 1: The front view shows with the finger cover removed.
Screw terminals 6 poles
P7SA-14F, P7SA-14F-ND
The above figure shows with the finger cover mounted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com