Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P7SA-10F Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # P7SA-10F
Description  Compact, Slim Relays Conforming to EN Standards
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P7SA-10F Datasheet(HTML) 3 Page - Omron Electronics LLC

  P7SA-10F Datasheet HTML 1Page - Omron Electronics LLC P7SA-10F Datasheet HTML 2Page - Omron Electronics LLC P7SA-10F Datasheet HTML 3Page - Omron Electronics LLC P7SA-10F Datasheet HTML 4Page - Omron Electronics LLC P7SA-10F Datasheet HTML 5Page - Omron Electronics LLC P7SA-10F Datasheet HTML 6Page - Omron Electronics LLC P7SA-10F Datasheet HTML 7Page - Omron Electronics LLC P7SA-10F Datasheet HTML 8Page - Omron Electronics LLC P7SA-10F Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
G7SA
3
Socket Accessories
Short Bars (For P7SA-
@F-ND-PU)
Note: Use for crossover wiring of adjacent contact terminals (bottom) within one Socket.
*1. Replace the box (@) in the model number with the code for the covering color. Color Options: RD = red, BL = blue, YL = yellow
Example: XW5S-P2.5-10RD when the covering color is red.
*2. XW5S-P2.5-5@ cannot be used with P7SA-10F-ND-PU.
Parts for DIN Track Mounting
* When mounting DIN track, please use End Plate (Model PFP-M).
Pitch
No. of poles
Colors
Model
*1*2
5.2 mm
2
Red (RD)
Blue (BL)
Yellow (YL)
XW5S-P2.5-2
@
3
XW5S-P2.5-3
@
4
XW5S-P2.5-4
@
5
XW5S-P2.5-5
@
Type
Model
Minimum Order
(quantity)
DIN Tracks
1 m
PFP-100N
1
0.5 m
PFP-50N
End Plate
*
PFP-M
10
Spacer
PFP-S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com