Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB11 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FSUSB11
Description  Low-Power, Full-Speed (12Mbps) Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB11 Datasheet(HTML) 5 Page - ON Semiconductor

  FSUSB11 Datasheet HTML 1Page - ON Semiconductor FSUSB11 Datasheet HTML 2Page - ON Semiconductor FSUSB11 Datasheet HTML 3Page - ON Semiconductor FSUSB11 Datasheet HTML 4Page - ON Semiconductor FSUSB11 Datasheet HTML 5Page - ON Semiconductor FSUSB11 Datasheet HTML 6Page - ON Semiconductor FSUSB11 Datasheet HTML 7Page - ON Semiconductor FSUSB11 Datasheet HTML 8Page - ON Semiconductor FSUSB11 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB11 • Rev. 1.0.4
4
DC Electrical Characteristics
Unless otherwise specified, typical values are at +25°C.
Symbol
Parameter
Conditions
VCC (V)
TA=+25°C
TA=-40 to
+85°C
Units
Min. Typ. Max. Min. Max.
VIH
Input Voltage High
2.7 to 3.6
2.0
V
4.5 to 5.5
4.0
VIL
Input Voltage Low
2.7 to 3.6
V
4.5 to 5.5
IIN
Control Input Leakage
VIN=0V to VCC
2.7 to 3.6
µA
4.5 to 5.5
INO(OFF),
INO(OFF)
Off-Leakage Current of Port
D1 and D2
A=1V, 4.5V, B0 or
B1=1V, 4.5V
5.5
-50
50
-100
100
nA
IA(ON)
On-Leakage Current of
Port D
A=1V, 4.5V, B0 or
B1=1V, 4.5V or
Floating
5.5
50
50
-100
100
nA
RON
Switch On
Resistance
(3)
Micropak
IOUT= 100mA,
D1 or D2=1.5V
2.7
2.60
4.00
4.30
Ω
IOUT= 100mA,
D1 or D2=3.5V
4.5
0.95
1.15
1.30
TSSOP
IOUT= 100mA,
D1 or D2=1.5V
2.7
2.80
4.50
IOUT= 100mA,
D1 or D2=3.5V
4.5
1.50
3.00
ΔR
ON
On Resistance
Matching Between
Channel
(4)
Micropak
IOUT= 100mA,
D1 or D2=3.5V
4.5
0.06
0.12
0.15
Ω
TSSOP
0.07
0.30
RFLAT(ON) On Resistance Flatness
(5)
IOUT=100mA, D1 or
D2=0V, 0.75V, 1.5V
2.7
1.4
Ω
IOUT=100mA, B0 or
B1=0V, 1V, 2V
4.5
0.2
0.3
0.4
ICC
Quiescent Supply Current
VIN=0V or VCC,
IOUT=0
3.6
0.1
0.5
1.0
µA
5.5
0.1
0.5
1.0
Notes
:
3.
On resistance is determined by the voltage drop between D and Dn pins at the indicated current through the
switch.
4.
ΔRON = RONmax - RONmin measured at identical VCC, temperature, and voltage.
5.
Flatness is defined as the difference between the maximum and minimum value of on resistance over the
specified range of conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com