Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB11 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FSUSB11
Description  Low-Power, Full-Speed (12Mbps) Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB11 Datasheet(HTML) 3 Page - ON Semiconductor

  FSUSB11 Datasheet HTML 1Page - ON Semiconductor FSUSB11 Datasheet HTML 2Page - ON Semiconductor FSUSB11 Datasheet HTML 3Page - ON Semiconductor FSUSB11 Datasheet HTML 4Page - ON Semiconductor FSUSB11 Datasheet HTML 5Page - ON Semiconductor FSUSB11 Datasheet HTML 6Page - ON Semiconductor FSUSB11 Datasheet HTML 7Page - ON Semiconductor FSUSB11 Datasheet HTML 8Page - ON Semiconductor FSUSB11 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB11 • Rev. 1.0.4
2
Pin Configuration
Figure 2. TSSOP Pin Assignment (Top View)
Figure 3. Micropak™ Pin Assignment (Top View)
Analog Symbol
Figure 4. Analog Symbol
Pin Descriptions
TSSOP Pin #
MicroPak™ Pin #
Pin Names
Description
1, 3, 4, 6, 9, 12
1, 3, 4, 6, 7, 9
D+, D1+, D-, D1-, D2-, D2+
Data Ports
2, 5
10
GND
Ground
7, 8
NC
No Connect
10, 13
2, 8
S1, S2
Control Input
11, 14
5
VCC
Supply Voltage
Truth Table
Control Inputs
Function
Low Logic Level
D1 Connected to D+/D-
High Logic Level
D2 Connected to D+/D-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com