Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB11 Datasheet(PDF) 1 Page - ON Semiconductor

Part # FSUSB11
Description  Low-Power, Full-Speed (12Mbps) Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB11 Datasheet(HTML) 1 Page - ON Semiconductor

  FSUSB11 Datasheet HTML 1Page - ON Semiconductor FSUSB11 Datasheet HTML 2Page - ON Semiconductor FSUSB11 Datasheet HTML 3Page - ON Semiconductor FSUSB11 Datasheet HTML 4Page - ON Semiconductor FSUSB11 Datasheet HTML 5Page - ON Semiconductor FSUSB11 Datasheet HTML 6Page - ON Semiconductor FSUSB11 Datasheet HTML 7Page - ON Semiconductor FSUSB11 Datasheet HTML 8Page - ON Semiconductor FSUSB11 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
To learn more about ON Semiconductor, please visit our website at
www.onsemi.com
Please note: As part of the Fairchild Semiconductor integration, some of the Fairchild orderable part numbers
will need to change in order to meet ON Semiconductor’s system requirements. Since the ON Semiconductor
product management systems do not have the ability to manage part nomenclature that utilizes an underscore
(_), the underscore (_) in the Fairchild part numbers will be changed to a dash (-). This document may contain
device numbers with an underscore (_). Please check the ON Semiconductor website to verify the updated
device numbers. The most current and up-to-date ordering information can be found at www.onsemi.com. Please
email any questions regarding the system integration to Fairchild_questions@onsemi.com.
Is Now Part of
ON Semiconductor and the ON Semiconductor logo are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries. ON Semiconductor owns the rights to a number
of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of ON Semiconductor’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent-Marking.pdf. ON Semiconductor reserves the right
to make changes without further notice to any products herein. ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. Buyer is responsible for its products and applications using ON
Semiconductor products, including compliance with all laws, regulations and safety requirements or standards, regardless of any support or applications information provided by ON Semiconductor. “Typical” parameters which may be provided in ON
Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s
technical experts. ON Semiconductor does not convey any license under its patent rights nor the rights of others. ON Semiconductor products are not designed, intended, or authorized for use as a critical component in life support systems or any FDA
Class 3 medical devices or medical devices with a same or similar classification in a foreign jurisdiction or any devices intended for implantation in the human body. Should Buyer purchase or use ON Semiconductor products for any such unintended
or unauthorized application, Buyer shall indemnify and hold ON Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out
of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that ON Semiconductor was negligent regarding the design or manufacture of the part. ON Semiconductor
is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.


Similar Part No. - FSUSB11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB11 FAIRCHILD-FSUSB11 Datasheet
609Kb / 7P
Low Power High Bandwidth USB Switch Dual SPDT Multiplexer/Demultiplexer
FSUSB11 FAIRCHILD-FSUSB11 Datasheet
1Mb / 13P
Low-Power Full-Speed USB (12Mbps) Switch
FSUSB11L10X FAIRCHILD-FSUSB11L10X Datasheet
609Kb / 7P
Low Power High Bandwidth USB Switch Dual SPDT Multiplexer/Demultiplexer
FSUSB11L10X FAIRCHILD-FSUSB11L10X Datasheet
1Mb / 13P
Low-Power Full-Speed USB (12Mbps) Switch
FSUSB11L10X FAIRCHILD-FSUSB11L10X_09 Datasheet
557Kb / 10P
Low-Power, Full-Speed (12Mbps) Switch
More results

Similar Description - FSUSB11

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L7585F AGERE-L7585F Datasheet
441Kb / 22P
Full-Feature,Low-Power SLIC and Switch
September 2001
L7585G AGERE-L7585G Datasheet
446Kb / 22P
Full-Feature,Low-Power SLIC and Switch
September 2001
USS810 AGERE-USS810 Datasheet
238Kb / 14P
USB 2.0 Full-Speed/Low-Speed Transceiver
Rev. 6 March 2006
logo
Vishay Siliconix
DG5143 VISHAY-DG5143 Datasheet
41Kb / 3P
Low-Power, High-Speed CMOS Analog Switch
28-Apr-97
logo
Fairchild Semiconductor
FSUSB11 FAIRCHILD-FSUSB11_06 Datasheet
1Mb / 13P
Low-Power Full-Speed USB (12Mbps) Switch
logo
Analog Devices
ADUM4160 AD-ADUM4160 Datasheet
425Kb / 14P
Full/Low Speed USB Digital Isolator
Rev. Pr F
ADUM4160 AD-ADUM4160_09 Datasheet
302Kb / 16P
Full/Low Speed USB Digital Isolator
REV. A
logo
Fairchild Semiconductor
FSUSB11 FAIRCHILD-FSUSB11_09 Datasheet
557Kb / 10P
Low-Power, Full-Speed (12Mbps) Switch
logo
SG Micro Corp
SGM2258 SGMICRO-SGM2258 Datasheet
335Kb / 11P
Full-Speed USB (12Mbps) Switch
logo
Feeling Technology Corp...
FM8PU86LV FEELING-FM8PU86LV Datasheet
1Mb / 40P
Low Power Full-Speed USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com