Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB11 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSUSB11
Description  Low-Power, Full-Speed (12Mbps) Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB11 Datasheet(HTML) 2 Page - ON Semiconductor

  FSUSB11 Datasheet HTML 1Page - ON Semiconductor FSUSB11 Datasheet HTML 2Page - ON Semiconductor FSUSB11 Datasheet HTML 3Page - ON Semiconductor FSUSB11 Datasheet HTML 4Page - ON Semiconductor FSUSB11 Datasheet HTML 5Page - ON Semiconductor FSUSB11 Datasheet HTML 6Page - ON Semiconductor FSUSB11 Datasheet HTML 7Page - ON Semiconductor FSUSB11 Datasheet HTML 8Page - ON Semiconductor FSUSB11 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
November 2009
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB11 • Rev. 1.0.4
FSUSB11 — Low-Power, Full-Speed (12Mbps) Switch
Features
Space Saving MicroPak™ (1.6 x 2.1mm)
USB 1.1 Signal Switching Compliant
3db Bandwidth: >350MHz
Maximum 1.15
Ω RON at 4.5V VCC and 4Ω for
2.7V Supply
0.3
Ω Maximum R
ON Flatness for +5V Supply
Broad VCC Operating Range: 1.65V to 5.5V
Fast Turn-On and Turn-Off Time
Break-Before-Make Enable Circuitry
Over-Voltage Tolerant, TTL-Compatible
Control Input
Applications
Cell Phones, PDAs, Digital Cameras, Notebook
Computers
Description
The FSUSB11 is a high-performance, dual Single-Pole
Double-Throw (SPDT) switch designed for switching
USB 1.1 signals. The device features ultra-low on
resistance (RON) of 1.15
Ω maximum at 4.5V VCC and
4.3
Ω at 2.7V supply. High bandwidth and ultra low (RON)
make this switch able to pass both USB low- and full-
speed signal with minimum signal distortion. The device
is fabricated with sub-micron CMOS technology to
achieve fast switching speeds and designed for break-
before-make operation. The select input is TTL-level
compatible.
Ordering Information
Part Number
Operating
Temperature
Range
Eco
Status
Package
Packing
Method
FSUSB11L10X
-40 to +85°C
RoHS
10-Lead, MicroPak™, JEDEC MO255,1.6 X 2.1mm
Tape and Reel
FSUSB11MTCX
-40 to +85°C
RoHS
14-Lead Thin Shrink Small Outline Package
(TSSOP), JEDEC MO-153, 4.4mm Wide
Tape and Reel
For Fairchild’s definition of Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.
Figure 1. Block Diagram
MicroPak™ is a trademark of Fairchild Semiconductor Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com