Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB11 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FSUSB11
Description  Low-Power, Full-Speed (12Mbps) Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB11 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FSUSB11 Datasheet HTML 2Page - ON Semiconductor FSUSB11 Datasheet HTML 3Page - ON Semiconductor FSUSB11 Datasheet HTML 4Page - ON Semiconductor FSUSB11 Datasheet HTML 5Page - ON Semiconductor FSUSB11 Datasheet HTML 6Page - ON Semiconductor FSUSB11 Datasheet HTML 7Page - ON Semiconductor FSUSB11 Datasheet HTML 8Page - ON Semiconductor FSUSB11 Datasheet HTML 9Page - ON Semiconductor FSUSB11 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB11 • Rev. 1.0.4
5
AC Electrical Characteristics
Unless otherwise specified, typical values are at +25°C.
Symbol
Parameter
Conditions
VCC(V)
TA=+25°C
TA=-40 to
+85°C
Units
Figure
Min.
Typ.
Max.
Min.
Max.
tON
Turn-on Time
S-to-Bus B
D1 or D2=1.5V,
RL=50Ω, CL=35pF
2.7 to 3.6
50
60
ns
Figure 5
D1 or D2=3.0V,
RL=50Ω, CL=35pF
4.5 to 5.5
35
30
tOFF
Turn-off Time
S-to-Bus B
D1 or D2=1.5V,
RL=50Ω, CL=35pF
2.7 to 3.6
20
20
ns
Figure 5
D1 or D2=3.0V,
RL=50Ω, CL=35pF
4.5 to 5.5
15
tBBM
Break-Before-Make
Time
D1 or D2=1.5V,
RL=50Ω, CL=35pF
2.7 to 3.6
1
ns
Figure 6
D1 or D2=3.0V,
RL=50Ω, CL=35pF
4.5 to 5.5
20
1
Q
Charge Injection
CL=1.0nF,
VGEN=0V, RGEN=0Ω
2.7 to 3.6
20
pC
Figure 8
4.5 to 5.5
10
OIRR
Off Isolation
f=1MHz, RL=50Ω
2.7 to 3.6
-70
dB
Figure 7
4.5 to 5.5
-70
XTALK
Non-Adjacent
Channel Crosstalk
f=1MHz, RL=50Ω
2.7 to 3.6
-75
dB
Figure 7
4.5 to 5.5
-75
BW
-3dB Bandwidth
RL=50Ω
2.7 to 3.6
350
MHz
Figure 10
4.5 to 5.5
350
USB Related AC Electrical Characteristics
Unless otherwise specified, typical values are at 25°C.
Symbol
Parameter
Conditions
VCC (V)
TA=+25°C
Units
Figure
Min.
Typ.
Max.
tSK(O)
Skew
RS=39, CL=50pF, tR=tF=12ns
at 12Mbps
2.7 to 3.6
0.15
ns
Figure 11
4.5 to 5.5
0.15
tSK(P)
Rising/Fall Time
Mismatch
(Duty Cycle=50%)
2.7 to 3.6
30
ps
Figure 12
4.5 to 5.5
20
TJ
Total Jitter
RS=39, CL=50pF, tR=tF=12ns at
12Mbps (PRBS=2
15 1)
2.7 to 3.6
1.7
ps
Figure 12
4.5 to 5.5
1.6
Capacitance
Symbol
Parameter
Conditions
VCC (V)
TA=+25°C
Units
Figure
Min.
Typ.
Max.
CIN
Control Pin Input Capacitance
f=1MHz
0.0
3.5
pF
Figure 9
COFF
Dn Port Off Capacitance
f=1MHz
4.5
12.0
pF
Figure 9
CON
D Port On Capacitance
f=1MHz
4.5
40.0
pF
Figure 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com