Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB45 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSUSB45
Description  High-Speed USB2.0 Switch with Dedicated Charger Port Detect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB45 Datasheet(HTML) 4 Page - ON Semiconductor

  FSUSB45 Datasheet HTML 1Page - ON Semiconductor FSUSB45 Datasheet HTML 2Page - ON Semiconductor FSUSB45 Datasheet HTML 3Page - ON Semiconductor FSUSB45 Datasheet HTML 4Page - ON Semiconductor FSUSB45 Datasheet HTML 5Page - ON Semiconductor FSUSB45 Datasheet HTML 6Page - ON Semiconductor FSUSB45 Datasheet HTML 7Page - ON Semiconductor FSUSB45 Datasheet HTML 8Page - ON Semiconductor FSUSB45 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB45 • Rev. 1.0.7
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
+5.5
V
VCNTRL
DC Input Voltage (S)
(1)
-0.5
VCC
V
VSW
DC Switch I/O Voltage
(1)
-0.50
5.25
V
IIK
DC Input Diode Current
-50
mA
IOUT
DC Output Current
50
mA
TSTG
Storage Temperature
-65
+150
°C
ESD
Human Body Model, JEDEC: JESD22-A114
All Pins
7
kV
I/O to GND
8
Power to GND
16
Charged Device Model, JEDEC: JESD22-C101
2
Note:
1.
The input and output negative ratings may be exceeded if the input and output diode current ratings are observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
3.0
4.3
V
VCNTRL
(2)
Control Input Voltage (Sel)
0
VCC
V
VSW
Switch I/O Voltage
-0.5
VCC
V
TA
Operating Temperature
-40
85
°C
Note
:
2.
The control input must be held HIGH or LOW; it must not float.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com