Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB45 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FSUSB45
Description  High-Speed USB2.0 Switch with Dedicated Charger Port Detect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB45 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FSUSB45 Datasheet HTML 4Page - ON Semiconductor FSUSB45 Datasheet HTML 5Page - ON Semiconductor FSUSB45 Datasheet HTML 6Page - ON Semiconductor FSUSB45 Datasheet HTML 7Page - ON Semiconductor FSUSB45 Datasheet HTML 8Page - ON Semiconductor FSUSB45 Datasheet HTML 9Page - ON Semiconductor FSUSB45 Datasheet HTML 10Page - ON Semiconductor FSUSB45 Datasheet HTML 11Page - ON Semiconductor FSUSB45 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB45 • Rev. 1.0.7
9
Physical Dimensions
Figure 17. 10-Lead Ultrathin Molded Leadless Package (UMLP)
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the te
rms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/dwg/UM/UMLP10A.pdf.
A
B
C
SEATING
PLANE
DETAIL A
PIN#1 IDENT
RECOMMENDED
LAND PATTERN
NOTES:
A. PACKAGE DOES NOT CONFORM TO
ANY JEDEC STANDARD.
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994.
D. LAND PATTERN RECOMMENDATION IS
BASED ON FSC DESIGN ONLY.
E. DRAWING FILENAME: MKT-UMLP10Arev5.
F. FAIRCHILD SEMICONDUCTOR.
TOP VIEW
BOTTOM VIEW
0.10 C
0.08 C
0.10 C
2X
2X
SIDE VIEW
0.10 C
0.05
0.00
3
6
1
0.10 C A B
0.05 C
0.55 MAX.
10
1.40
1.80
0.40
0.15
0.25
(10X)
0.35
0.45
(9X)
1.70
2.10
0.40
0.663
0.563
(9X)
0.225
(10X)
1
(0.15)
0.55
0.45
DETAIL A
SCALE : 2X
1.85
1.45
0.55
0.40
0.225
(10X)
9X
0.45
PIN#1 IDENT
OPTIONAL MINIMIAL
TOE LAND PATTERN
SCALE : 2X
LEAD
OPTION 1
SCALE : 2X
LEAD
OPTION 2
PACKAGE
EDGE
45°
0.25
0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com