Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB45 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSUSB45
Description  High-Speed USB2.0 Switch with Dedicated Charger Port Detect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB45 Datasheet(HTML) 2 Page - ON Semiconductor

  FSUSB45 Datasheet HTML 1Page - ON Semiconductor FSUSB45 Datasheet HTML 2Page - ON Semiconductor FSUSB45 Datasheet HTML 3Page - ON Semiconductor FSUSB45 Datasheet HTML 4Page - ON Semiconductor FSUSB45 Datasheet HTML 5Page - ON Semiconductor FSUSB45 Datasheet HTML 6Page - ON Semiconductor FSUSB45 Datasheet HTML 7Page - ON Semiconductor FSUSB45 Datasheet HTML 8Page - ON Semiconductor FSUSB45 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
July 2013
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB45 • Rev. 1.0.7
FSUSB45
— High-Speed USB2.0 (480Mbps) Switch
with Dedicated Charger Port Detect
Features
Low On Capacitance: 7.0 pF Typical
Low On Resistance: 3.9 Ω Typical
Low Power Consumption: 1 μA Maximum
- 15 μA Maximum ICCT over an Expanded Voltage
Range (VIN=1.8 V, VCC=4.3 V)
Wide -3 db Bandwidth: > 720 MHz
Packaged in:
- 10-Lead MicroPak™ (1.6 x 2.1 mm)
- 10-Lead UMLP (1.4 x 1.8 mm)
8 kV ESD Rating, >16 kV Power/GND ESD Rating
Power-Off Protection on All Ports When V
CC=0 V
- D+/D- Pins Tolerate up to 5.25 V
Applications
Cell Phone, PDA, Digital Camera, and Notebook
LCD Monitor, TV, and Set-Top Box
IMPORTANT NOTE:
For additional performance information, please contact
analogswitch@fairchildsemi.com.
Description
The FSUSB45 is a bi-directional, low-power, two-port,
High-Speed, USB2.0 switch. Configured as a double-
pole, double-throw (DPDT) switch, it is optimized for
switching between two HS (480 Mbps) sources or an
HS source and a Full-Speed (12 Mbps) source.
The FSUSB45 is compatible with the requirements of
USB2.0 and features an extremely low on capacitance
(CON) of 7.0 pF. The wide bandwidth of this device
(720 MHz) exceeds the bandwidth needed to pass the
third harmonic, resulting in signals with minimum edge
and
phase
distortion.
Superior
channel-to-channel
crosstalk also minimizes interference.
The FSUSB45 contains special circuitry on the switch
I/O pins for applications where the VCC supply is
powered-off (VCC=0), which allows the device to
withstand an over-voltage condition. This device is
designed to minimize current consumption even when
the control voltage applied to the SEL pin is lower than
the supply voltage (VCC). This feature is especially
valuable to mobile applications, such as cell phones,
allowing for direct interface with the general-purpose
I/Os of the baseband processor. An additional feature is
the detection of the 1,1 state on D+/D- to signal an
interrupt (INT) to the processor when entering a
dedicated charging port mode of operation.
HSD1+
HSD2+
HSD1-
HSD2-
D+
D-
INT
Sel
Figure 1. Analog Symbol
Ordering Information
Part Number
Top Mark
Operating
Temperature Range
Package
FSUSB45L10X
JA
-40 to +85°C
10-Lead,
MicroPak™ 1.6 x 2.1 mm, JEDEC MO-255B
FSUSB45UMX
JB
-40 to +85°C
10-Lead, Quad, Ultrathin Molded Leadless Package
(UMLP), 1.4 x 1.8 mm
MicroPak™ is a trademark of Fairchild Semiconductor Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com