Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB45 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FSUSB45
Description  High-Speed USB2.0 Switch with Dedicated Charger Port Detect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB45 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FSUSB45 Datasheet HTML 3Page - ON Semiconductor FSUSB45 Datasheet HTML 4Page - ON Semiconductor FSUSB45 Datasheet HTML 5Page - ON Semiconductor FSUSB45 Datasheet HTML 6Page - ON Semiconductor FSUSB45 Datasheet HTML 7Page - ON Semiconductor FSUSB45 Datasheet HTML 8Page - ON Semiconductor FSUSB45 Datasheet HTML 9Page - ON Semiconductor FSUSB45 Datasheet HTML 10Page - ON Semiconductor FSUSB45 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB45 • Rev. 1.0.7
6
Test Diagrams
HSD1n
HSD2n
D+, D-
Sel
A
0 or VCC
VSW
Figure 4. On Resistance
Figure 5. Off/On Leakage
Figure 6. AC Test Circuit Load
Figure 7. Turn-On / Turn-Off Waveforms
Figure 8. Propagation Delay (tRtF
– 500ps)
Figure 9. Intra-Pair Skew Test tSK(P)
Figure 10. Channel Off Capacitance
Figure 11.
Channel On Capacitance
Select
HSDn
Dn
VSel= 0 orVcc
I
ON
V
ON
RON = VON / ION
GND
VSW
GND
SW
R
L , R
S , and CL are functions of the application
environment (see AC Tables for specific values)
C
L includes test fixture and stray capacitance.
RL
CL
HSDn
Dn
GND
GND
RS
VSel
VSW
GND
V
OUT
V
OUT
tRISE= 2.5ns
GND
VCC
90%
90%
10%
10%
tFALL = 2.5ns
VCC /2
VCC /2
Input
– V
/OE , VSel
Output- V
OUT
90%
VOH
VOL
tON
tOFF
90%
V
– V
V
–
tRISE= 500ps
- 400mV
90%
90%
10%
10%
tFALL = 500ps
0V
Output
tPHL
+400mV
tPLH
VSel = 0 or Vcc
HSDn
Capacitance
Meter
S
HSDn
VSel= 0 or Vcc
HSDn
Capacitance
Meter
S
HSDn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com