Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB45 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FSUSB45
Description  High-Speed USB2.0 Switch with Dedicated Charger Port Detect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB45 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FSUSB45 Datasheet HTML 2Page - ON Semiconductor FSUSB45 Datasheet HTML 3Page - ON Semiconductor FSUSB45 Datasheet HTML 4Page - ON Semiconductor FSUSB45 Datasheet HTML 5Page - ON Semiconductor FSUSB45 Datasheet HTML 6Page - ON Semiconductor FSUSB45 Datasheet HTML 7Page - ON Semiconductor FSUSB45 Datasheet HTML 8Page - ON Semiconductor FSUSB45 Datasheet HTML 9Page - ON Semiconductor FSUSB45 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB45 • Rev. 1.0.7
5
AC Electrical Characteristics
All typical value are for VCC=3.3 V at 25°C unless otherwise specified.
Symbol
Parameter
Conditions
VCC (V)
TA=- 40 to +85°C
Units
Min.
Typ.
Max.
tON
Turn-On Time, S to Output
RL=50
Ω, CL=5 pF, VSW=0.8 V,
Figure 6, Figure 7
3.0 to 3.6
13
30
ns
tOFF
Turn-Off Time, S to Output
RL=50
Ω, CL=5 pF, VSW=0.8V,
Figure 6, Figure 7
3.0 to 3.6
12
25
ns
tPD
Propagation Delay
(5)
CL=5 pF, RL=50
Ω, Figure 6,
Figure 8
3.3
0.25
ns
tBBM
Break-Before-Make
RL=50
Ω, CL=5 pF,
VSW1=VSW2=0.8 V, Figure 12
3.0 to 3.6
2.0
6.5
ns
tPLH/HL
INT Propagation Delay
(5)
RL=50
Ω, CL=5 pF
3.0 to 3.6
10
ns
OIRR
Off Isolation
RL=50
Ω, f=24 0MHz, Figure 14
3.0 to 3.6
-30
dB
Xtalk
Non-Adjacent Channel
Crosstalk
RL=50
Ω, f=240 MHz, Figure 15
3.0 to 3.6
-45
dB
BW
-3 db Bandwidth
RL=50
Ω, CL=0 pF, Figure 13
3.0 to 3.6
720
MHz
RL=50
Ω, CL=5 pF, Figure 13
550
MHz
Note
:
5.
Guaranteed by characterization.
USB Hi-Speed-Related AC Electrical Characteristics
Symbol
Parameter
Conditions
VCC (V)
TA=- 40 to +85°C
Units
Min.
Typ.
Max.
tSK(P)
Skew of Opposite Transitions of
the Same Output
(6)
CL=5 pF, RL=50
Ω,
Figure 9
3.0 to 3.6
20
ps
tJ
Total Jitter
(6)
RL=50
Ω, CL=5 pF,
tR=tF=500 ps (10-90%) at
480 Mbps (PRBS=2
15
– 1)
3.0 to 3.6
200
ps
Note
:
6.
Guaranteed by characterization.
Capacitance
Symbol
Parameter
Conditions
TA=- 40 to +85°C
Units
Min.
Typ.
Max.
CIN
Control Pin Input Capacitance
VCC=0
1.5
pF
COUT
INT Pin Output Capacitance
VCC=0
2.5
pF
CON
D+/D- On Capacitance
VCC=3.3 V, f=1 MHz, Figure 11
7.0
7.9
pF
COFF
D1n, D2n Off Capacitance
VCC=3.3 V, Figure 10
2.0
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com