Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8983 Datasheet(PDF) 39 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 35Page - Cirrus Logic WM8983 Datasheet HTML 36Page - Cirrus Logic WM8983 Datasheet HTML 37Page - Cirrus Logic WM8983 Datasheet HTML 38Page - Cirrus Logic WM8983 Datasheet HTML 39Page - Cirrus Logic WM8983 Datasheet HTML 40Page - Cirrus Logic WM8983 Datasheet HTML 41Page - Cirrus Logic WM8983 Datasheet HTML 42Page - Cirrus Logic WM8983 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 129 page
background image
WM8983
Rev 4.6
39
The BOOST stage is enabled under control of the BOOSTEN register bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2
Power
management
2
4
BOOSTENL
0
Left channel Input BOOST enable
0 = Boost stage OFF
1 = Boost stage ON
5
BOOSTENR
0
Right channel Input BOOST enable
0 = Boost stage OFF
1 = Boost stage ON
Table 10 Input BOOST Enable Control
MICROPHONE BIASING CIRCUIT
The MICBIAS output provides a low noise reference voltage suitable for biasing electret type
microphones and the associated external resistor biasing network. Refer to the Applications
Information section for recommended external components. The MICBIAS voltage can be altered via
the MBVSEL register bit.
When MBVSEL=0, MICBIAS=0.9*AVDD1 and when MBVSEL=1,
MICBIAS=0.65*AVDD1. The output can be enabled or disabled using the MICBEN control bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power
management 1
4
MICBEN
0
Microphone Bias Enable
0 = OFF (high impedance output)
1 = ON
Table 11 Microphone Bias Enable Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R44
Input control
8
MBVSEL
0
Microphone Bias Voltage Control
0 = 0.9 * AVDD1
1 = 0.65 * AVDD1
Table 12 Microphone Bias Voltage Control
The internal MICBIAS circuitry is shown in Figure 21.
Note that the maximum source current
capability for MICBIAS is 3mA. The external biasing resistors therefore must be large enough to limit
the MICBIAS current to 3mA.
Figure 21 Microphone Bias Schematic
AGND1
MBVSEL=0
MICBIA
SS
= 1.8 x VMID
= 0.9 X AVDD1
VMI
D
internal
resistor
internal
resistor
MICBE
N
MBVSEL=1
MICBIA
S
= 1.3 x VMID
= 0.65 X AVDD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com