Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8983 Datasheet(PDF) 21 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 17Page - Cirrus Logic WM8983 Datasheet HTML 18Page - Cirrus Logic WM8983 Datasheet HTML 19Page - Cirrus Logic WM8983 Datasheet HTML 20Page - Cirrus Logic WM8983 Datasheet HTML 21Page - Cirrus Logic WM8983 Datasheet HTML 22Page - Cirrus Logic WM8983 Datasheet HTML 23Page - Cirrus Logic WM8983 Datasheet HTML 24Page - Cirrus Logic WM8983 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 129 page
background image
WM8983
Rev 4.6
21
CONTROL INTERFACE TIMING – 3-WIRE MODE
3-wire mode is selected by connecting the MODE pin high.
CSB/GPIO
SCLK
SDIN
t
CSL
t
DHO
t
DSU
t
CSH
t
SCY
t
SCH
t
SCL
t
SCS
LSB
t
CSS
Figure 8 Control Interface Timing
– 3-Wire Serial Control Mode
Test Conditions
DCVDD=1.8V, DBVDD=AVDD1=AVDD2=3.3V, DGND=AGND1=AGND2=0V, TA=+25
oC, Slave Mode, fs=48kHz,
MCLK=256fs, 24-bit data, unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Program Register Input Information
SCLK rising edge to CSB rising edge
tSCS
80
ns
SCLK pulse cycle time
tSCY
200
ns
SCLK pulse width low
tSCL
80
ns
SCLK pulse width high
tSCH
80
ns
SDIN to SCLK set-up time
tDSU
40
ns
SCLK to SDIN hold time
tDHO
40
ns
CSB pulse width low
tCSL
40
ns
CSB pulse width high
tCSH
40
ns
CSB rising to SCLK rising
tCSS
40
ns
Pulse width of spikes that will be suppressed
tps
0
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com