Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8983 Datasheet(PDF) 60 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 60 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 56Page - Cirrus Logic WM8983 Datasheet HTML 57Page - Cirrus Logic WM8983 Datasheet HTML 58Page - Cirrus Logic WM8983 Datasheet HTML 59Page - Cirrus Logic WM8983 Datasheet HTML 60Page - Cirrus Logic WM8983 Datasheet HTML 61Page - Cirrus Logic WM8983 Datasheet HTML 62Page - Cirrus Logic WM8983 Datasheet HTML 63Page - Cirrus Logic WM8983 Datasheet HTML 64Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 129 page
background image
WM8983
60
Rev 4.6
Upper
Threshold
Lower
Threshold
LIMLVL
input
output
0dB
-0.5dB
-1dB
0.5dB
0.5dB
Figure 31 DAC Digital Limiter Operation
The limiter has a programmable upper threshold which is close to 0dB. Referring to Figure 31, in
normal operation (LIMBOOST=000 => limit only), signals below this threshold are unaffected by the
limiter. Signals above the upper threshold are attenuated at a specific attack rate (set by the LIMATK
register bits) until the signal falls below the threshold. The limiter also has a lower threshold 1dB
below the upper threshold. When the signal falls below the lower threshold, the signal is amplified at
a specific decay rate (controlled by LIMDCY register bits) until a gain of 0dB is reached.
Both
threshold levels are controlled by the LIMLVL register bits. The upper threshold is 0.5dB above the
value programmed by LIMLVL, and the lower threshold is 0.5dB below the LIMLVL value.
VOLUME BOOST
The limiter has programmable upper gain which boosts signals below the threshold to compress the
dynamic range of the signal and increase its perceived loudness. This operates as an ALC function
with limited boost capability. The volume boost is from 0dB to +12dB in 1dB steps, controlled by the
LIMBOOST register bits.
The output limiter volume boost can also be used as a stand alone digital gain boost when the limiter
is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com