Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8983 Datasheet(PDF) 68 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 68 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 64Page - Cirrus Logic WM8983 Datasheet HTML 65Page - Cirrus Logic WM8983 Datasheet HTML 66Page - Cirrus Logic WM8983 Datasheet HTML 67Page - Cirrus Logic WM8983 Datasheet HTML 68Page - Cirrus Logic WM8983 Datasheet HTML 69Page - Cirrus Logic WM8983 Datasheet HTML 70Page - Cirrus Logic WM8983 Datasheet HTML 71Page - Cirrus Logic WM8983 Datasheet HTML 72Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 129 page
background image
WM8983
68
Rev 4.6
HEADPHONE OUTPUTS (LOUT1 AND ROUT1)
The headphone outputs LOUT1 and ROUT1 can drive a 16
 or 32 headphone load, either through
DC blocking capacitors, or DC-coupled to a buffered midrail reference as shown in Figure 33. OUT3,
OUT4, LOUT2 or ROUT2 could be used as this buffered reference if one of these outputs is not being
used, saving decoupling capacitors, at the expense of increased power consumption. For fully
independent left and right channels, two separate midrail references can be used, eliminating
crosstalk caused by headphone ground impedances, at the expense of increased power
consumption.
Headphone Output using DC Blocking Capacitors:
WM8983
C2 220uF
LOUT1
ROUT1
AGND1 (= 0V)
C1 220uF
Lowest power consumption (Two outputs enabled);
Large and expensive capacitors;
Bass response may be reduced for smaller capacitors;
Impedance in common ground may introduce crosstalk.
DC Coupled Headphone Output:
WM8983
LOUT1
ROUT1
LOUT2/ROUT2/OUT3/OUT4
= ‘MUTE’ => VMID
Higher power consumption (Three outputs enabled);
Improved PSRR if AVDD2 connected to AVDD1;
Impedance in common ground may introduce crosstalk;
Improved bass response (DC connection).
DC Coupled with Fully Independent Left / Right Drive:
WM8983
LOUT1
ROUT1
LOUT2/OUT3
= ‘MUTE’ => VMID
ROUT2/OUT4
= ‘MUTE’ => VMID
L
R
Highest power consumption (Four outputs enabled);
Improved PSRR if AVDD2 connected to AVDD1;
Independent L/R pseudo-ground eliminates crosstalk;
Improved bass response (DC connection);
Non-standard headphone connection may not be suitable
for some applications.
Figure 33 Recommended Headphone Output Configurations
Each headphone output has an analogue volume control PGA with a gain range of -57dB to +6dB.
When DC blocking capacitors are used, their capacitance and the load resistance together determine
the lower cut-off frequency of the output signal, fc. Increasing the capacitance lowers fc, improving the
bass response. Smaller capacitance values will diminish the bass response. Assuming a 16
 load
and C1, C2 = 220
F:
fc = 1 / 2 RLC1 = 1 / (2 x 16 x 220F) = 45 Hz
In the DC coupled configuration, the headphone “ground” is connected to the VMID pin. The OUT3/4
pins can be configured as a DC output driver by setting the OUT3MUTE and OUT4MUTE register bit.
The DC voltage on VMID in this configuration is equal to the DC offset on the LOUT1 and ROUT1
pins; therefore, no DC blocking capacitors are required. This saves space and material cost in
portable applications.
Note that LOUT2, ROUT2, OUT3 and OUT4 have an optional output boost of 1.5x. When these are
configured in this output boost mode (SPKBOOST/OUT3BOOST/OUT4BOOST=1), then the VMID
value of these outputs will be equal to 1.5xAVDD/2 and will not match the VMID of the headphone
drivers. Do not use the DC coupled output mode in this configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com