Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8983 Datasheet(PDF) 37 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 33Page - Cirrus Logic WM8983 Datasheet HTML 34Page - Cirrus Logic WM8983 Datasheet HTML 35Page - Cirrus Logic WM8983 Datasheet HTML 36Page - Cirrus Logic WM8983 Datasheet HTML 37Page - Cirrus Logic WM8983 Datasheet HTML 38Page - Cirrus Logic WM8983 Datasheet HTML 39Page - Cirrus Logic WM8983 Datasheet HTML 40Page - Cirrus Logic WM8983 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 129 page
background image
WM8983
Rev 4.6
37
The input PGA paths can have a +20dB boost (PGABOOSTL/R=1) , a 0dB pass through
(PGABOOSTL/R=0) or be completely isolated from the input boost circuit (INPPGAMUTEL/R=1).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R47
Left Input
BOOST
control
8
PGABOOSTL
1
Boost enable for left channel input
PGA:
0 = PGA output has +0dB gain through
input BOOST stage.
1 = PGA output has +20dB gain
through input BOOST stage.
R48
Right Input
BOOST
control
8
PGABOOSTR
1
Boost enable for right channel input
PGA:
0 = PGA output has +0dB gain through
input BOOST stage.
1 = PGA output has +20dB gain
through input BOOST stage.
Table 8 Input BOOST Stage Control
The Auxiliary amplifier path to the BOOST stages is controlled by the AUXL2BOOSTVOL[2:0] and
AUXR2BOOSTVOL[2:0] register bits. When AUXL2BOOSTVOL/AUXR2BOOSTVOL=000, this path is
completely disconnected from the BOOST stage. Settings 001 through to 111 control the gain in 3dB
steps from -12dB to +6dB.
The L2/R2 path to the BOOST stage is controlled by the L2_2BOOSTVOL[2:0] and the
R2_2BOOSTVOL[2:0] register bits.
When L2_2BOOSTVOL/R2_2BOOSTVOL=000, the L2/R2 input
pin is completely disconnected from the BOOST stage. Settings 001 through to 111 control the gain
in 3dB steps from -12dB to +6dB.
The OUT4 mixer path to the BOOST stage is controlled by the OUT4_2ADCVOL[2:0] and
OUT4_2LNR register bits. The OUT4 mixer signal can be routed to the Left Boost or the Right Boost
stage, but not both at the same time.
When OUT4_2ADCVOL=000, the OUT4 mixer path is
completely disconnected from the BOOST stage.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R42
OUT4 to ADC
8:6
OUT4_2ADCVOL
000
Controls the OUT4 to ADC input
boost stage:
000 = Path disabled
(disconnected)
001 = -12dB gain
010 = -9dB gain
011 = -6dB gain
100 = -3dB gain
101 = +0dB gain
110 = +3dB gain
111 = +6dB gain
5
OUT4_2LNR
0
OUT4 to L or R ADC input
0 = Right ADC input
1 = Left ADC input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com