Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHT2000N Datasheet(PDF) 19 Page - NXP Semiconductors

Part # MHT2000N
Description  RF LDMOS Integrated Power Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHT2000N Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button MHT2000N Datasheet HTML 13Page - NXP Semiconductors MHT2000N Datasheet HTML 14Page - NXP Semiconductors MHT2000N Datasheet HTML 15Page - NXP Semiconductors MHT2000N Datasheet HTML 16Page - NXP Semiconductors MHT2000N Datasheet HTML 17Page - NXP Semiconductors MHT2000N Datasheet HTML 18Page - NXP Semiconductors MHT2000N Datasheet HTML 19Page - NXP Semiconductors MHT2000N Datasheet HTML 20Page - NXP Semiconductors MHT2000N Datasheet HTML 21Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
MHT2000NR1 MHT2000GNR1
19
RF Device Data
Freescale Semiconductor, Inc.
APPENDIX A
MHT2000NR1 FUNCTIONAL TEST DATA, FIXTURE AND THERMAL DATA
Figure A--1. MHT2000NR1 Test Circuit Component Layout
C17
C9
C8
C7
C4
C5
C1
C2
R4
R5
R6
R1
R2
R3
VG1
VG2
C6
C3
C10
C11
C12
C16
B1
C13
C14
C15
Z9
0.040 x 0.061 Microstrip
Z10
0.020 x 0.050 Microstrip
Z11
0.050 x 0.050 Microstrip
Z12
0.050 x 0.027 Microstrip
Z13*
0.338 x 0.020 Microstrip
Z14
1.551 x 0.027 Microstrip
PCB
Rogers R04350B, 0.0133, r =3.48
* Line length includes microstrip bends
Z1
0.500 x 0.027 Microstrip
Z2
0.075 x 0.127 Microstrip
Z3
1.640 x 0.027 Microstrip
Z4
0.100 x 0.042 Microstrip
Z5
0.151 x 0.268 Microstrip
Z6
0.025 x 0.268 x 0.056 Taper
Z7
0.050 x 0.056 Microstrip
Z8
0.356 x 0.056 Microstrip
Table A--1. Electrical Characteristics (TC =25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Functional Tests (In Freescale Test Fixture, 50 ohm system) VDD =28 Vdc, IDQ1 =77 mA, IDQ2 = 275 mA, Pout = 4 W Avg., f = 2700 MHz,
WiMAX, OFDM 802.16d, 64 QAM 3/4, 4 Bursts, 10 MHz Channel Bandwidth, Input Signal PAR = 9.5 dB @ 0.01% Probability on CCDF. ACPR
measured in 1 MHz Channel Bandwidth @ 8.5 MHz Offset.
Power Gain
Gps
25.5
28.5
30.5
dB
Power Added Efficiency
PAE
15
17
—
%
Output Peak--to--Average Ratio @ 0.01% Probability on CCDF
PAR
—
9
—
dB
Adjacent Channel Power Ratio
ACPR
—
–50
–46
dBc
Input Return Loss
IRL
—
–15
–10
dB
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com