Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHT2000N Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MHT2000N
Description  RF LDMOS Integrated Power Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHT2000N Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MHT2000N Datasheet HTML 3Page - NXP Semiconductors MHT2000N Datasheet HTML 4Page - NXP Semiconductors MHT2000N Datasheet HTML 5Page - NXP Semiconductors MHT2000N Datasheet HTML 6Page - NXP Semiconductors MHT2000N Datasheet HTML 7Page - NXP Semiconductors MHT2000N Datasheet HTML 8Page - NXP Semiconductors MHT2000N Datasheet HTML 9Page - NXP Semiconductors MHT2000N Datasheet HTML 10Page - NXP Semiconductors MHT2000N Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
MHT2000NR1 MHT2000GNR1
7
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS — NARROWBAND
100
25
30
0
50
Pout, OUTPUT POWER (WATTS) CW
Figure 9. Power Gain and Power Added Efficiency
versus CW Output Power as a Function of IDQ1
VDD =28 Vdc
IDQ2 = 195 mA
f = 2450 MHz
10
1
29
28
27
26
40
30
20
10
IDQ1 varied from
45 mA to 65 mA
in5mA steps
IDQ1 =65 mA
60 mA
100
29
10
50
Pout, OUTPUT POWER (WATTS) CW
Figure 10. Power Gain and Power Added Efficiency
versus CW Output Power as a Function of IDQ2
VDD =28 Vdc
IDQ1 =55 mA
f = 2450 MHz
10
1
28
40
30
20
IDQ2 = 235 mA
25
215 mA
195 mA
175 mA
155 mA
IDQ2 varied from
155 mA to 235 mA
in 20 mA steps
27
26
55 mA
50 mA
45 mA
Figure 11. MTTF versus Junction Temperature
This above graph displays calculated MTTF in hours when the device
is operated at VDD =28 Vdc,Pout = 25 W CW, and PAE = 43.8%.
MTTF calculator available at http://www.freescale.com/rf. Select
Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
250
109
90
TJ, JUNCTION TEMPERATURE (C)
108
104
110
130
150
170
190
210
230
2nd Stage
1st Stage
107
106
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com