Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHT2000N Datasheet(PDF) 20 Page - NXP Semiconductors

Part # MHT2000N
Description  RF LDMOS Integrated Power Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHT2000N Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button MHT2000N Datasheet HTML 13Page - NXP Semiconductors MHT2000N Datasheet HTML 14Page - NXP Semiconductors MHT2000N Datasheet HTML 15Page - NXP Semiconductors MHT2000N Datasheet HTML 16Page - NXP Semiconductors MHT2000N Datasheet HTML 17Page - NXP Semiconductors MHT2000N Datasheet HTML 18Page - NXP Semiconductors MHT2000N Datasheet HTML 19Page - NXP Semiconductors MHT2000N Datasheet HTML 20Page - NXP Semiconductors MHT2000N Datasheet HTML 21Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
20
RF Device Data
Freescale Semiconductor, Inc.
MHT2000NR1 MHT2000GNR1
APPENDIX A
MHT2000NR1 FUNCTIONAL TEST DATA, FIXTURE AND THERMAL DATA (continued)
Table A--1. Electrical Characteristics (TC =25C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Stage 1 -- On Characteristics
Gate Quiescent Voltage
(VDS =28 Vdc, IDQ1 =77 mA)
VGS(Q)
—
2.7
—
Vdc
Fixture Gate Quiescent Voltage
(VDD =28 Vdc, IDQ1 = 77 mAdc, Measured in Functional Test)
VGG(Q)
12.5
15.8
19.5
Vdc
Stage 2 -- On Characteristics
Gate Quiescent Voltage
(VDS =28 Vdc, IDQ2 = 275 mAdc)
VGS(Q)
—
2.7
—
Vdc
Fixture Gate Quiescent Voltage
(VDD =28 Vdc, IDQ2 = 275 mAdc, Measured in Functional Test)
VGG(Q)
11
14
18
Vdc
Table A--2. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Case
(Case Temperature 81C, Pout = 25 W CW)
Stage 1, 28 Vdc, IDQ1 =77 mA
Stage 2, 28 Vdc, IDQ2 = 275 mA
RJC
5.5
1.3
C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com