Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHT2000N Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MHT2000N
Description  RF LDMOS Integrated Power Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHT2000N Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MHT2000N Datasheet HTML 2Page - NXP Semiconductors MHT2000N Datasheet HTML 3Page - NXP Semiconductors MHT2000N Datasheet HTML 4Page - NXP Semiconductors MHT2000N Datasheet HTML 5Page - NXP Semiconductors MHT2000N Datasheet HTML 6Page - NXP Semiconductors MHT2000N Datasheet HTML 7Page - NXP Semiconductors MHT2000N Datasheet HTML 8Page - NXP Semiconductors MHT2000N Datasheet HTML 9Page - NXP Semiconductors MHT2000N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
RF Device Data
Freescale Semiconductor, Inc.
MHT2000NR1 MHT2000GNR1
TYPICAL CHARACTERISTICS — NARROWBAND
100
25
30
0
50
Pout, OUTPUT POWER (WATTS) CW
Figure 5. Power Gain and Power Added Efficiency
versus CW Output Power
VDD =28 Vdc
IDQ1 =55 mA
IDQ2 = 195 mA
f = 2450 MHz
10
1
29
28
27
26
40
30
20
10
Figure 6. CW Output Power versus Input Power
Pin, INPUT POWER (dBm)
20
49
14
48
47
46
41
15
17
16
18
45
19
13
P3dB = 44.9 dBm (30.9 W)
P1dB = 44.5 dBm (28.05 W)
44
43
VDD =28 Vdc,IDQ1 =55 mA
IDQ2 = 195 mA, f = 2450 MHz
42
Ideal
Actual
100
25
30
0
50
Pout, OUTPUT POWER (WATTS) CW
Figure 7. Power Gain and Power Added Efficiency
versus CW Output Power as a Function of VD1
VD2 =28 Vdc
IDQ1 =55 mA
IDQ2 = 195 mA
f = 2450 MHz
10
0.1
29
28
27
26
40
30
20
10
1
VD1 =32 V
30 V
100
25
30
0
50
Pout, OUTPUT POWER (WATTS) CW
Figure 8. Power Gain and Power Added Efficiency
versus CW Output Power as a Function of VD2
VD1 =28 Vdc
IDQ1 =55 mA
IDQ2 = 195 mA
f = 2450 MHz
10
0.1
29
28
27
26
40
30
20
10
1
VD2 =28 V
28 V
30 V
32 V
28 V
30 V
32 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com