Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHT2000N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MHT2000N
Description  RF LDMOS Integrated Power Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHT2000N Datasheet(HTML) 3 Page - NXP Semiconductors

  MHT2000N Datasheet HTML 1Page - NXP Semiconductors MHT2000N Datasheet HTML 2Page - NXP Semiconductors MHT2000N Datasheet HTML 3Page - NXP Semiconductors MHT2000N Datasheet HTML 4Page - NXP Semiconductors MHT2000N Datasheet HTML 5Page - NXP Semiconductors MHT2000N Datasheet HTML 6Page - NXP Semiconductors MHT2000N Datasheet HTML 7Page - NXP Semiconductors MHT2000N Datasheet HTML 8Page - NXP Semiconductors MHT2000N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
MHT2000NR1 MHT2000GNR1
3
RF Device Data
Freescale Semiconductor, Inc.
Table 5. Electrical Characteristics (TC =25C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Stage 2 -- Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS =65 Vdc, VGS =0 Vdc)
IDSS
—
—
10
Adc
Zero Gate Voltage Drain Leakage Current
(VDS =28 Vdc, VGS =0 Vdc)
IDSS
—
—
1
Adc
Gate--Source Leakage Current
(VGS =1.5 Vdc, VDS =0 Vdc)
IGSS
—
—
1
Adc
Stage 2 -- On Characteristics
Gate Threshold Voltage
(VDS =10 Vdc, ID =80 Adc)
VGS(th)
1.2
1.9
2.7
Vdc
Gate Quiescent Voltage
(VDS =28 Vdc, IDQ2 = 195 mAdc) (1)
VGS(Q)
—
2.7
—
Vdc
Fixture Gate Quiescent Voltage
(VDD =28 Vdc, IDQ2 = 195 mAdc) (1,2)
VGG(Q)
9.5
10.5
11.5
Vdc
Drain--Source On--Voltage
(VGS =10 Vdc, ID = 800 mAdc)
VDS(on)
0.15
0.47
0.8
Vdc
Stage 2 -- Dynamic Characteristics (3)
Output Capacitance
(VDS =28 Vdc  30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Coss
—
111
—
pF
Narrowband Performance Specifications (4) (In Freescale Narrowband Test Fixture,(1) 50 ohm system) VDD =28 Vdc, IDQ1 =55 mA,
IDQ2 = 195 mA, Pout = 25 W CW, f = 2450 MHz
Power Gain
Gps
25.5
27.7
30.5
dB
Power Added Efficiency
PAE
41.5
43.8
—
%
Input Return Loss
IRL
—
–18
–10
dB
Functional Tests (2) (In Freescale Test Fixture, 50 ohm system) VDD =28 Vdc, IDQ1 =77 mA, IDQ2 = 275 mA, Pout = 4 W Avg., f = 2700 MHz,
WiMAX, OFDM 802.16d, 64 QAM 3/4, 4 Bursts, 10 MHz Channel Bandwidth, Input Signal PAR = 9.5 dB @ 0.01% Probability on CCDF. ACPR
measured in 1 MHz Channel Bandwidth @ 8.5 MHz Offset.
Power Gain
Gps
25.5
28.5
30.5
dB
Power Added Efficiency
PAE
15
17
—
%
Output Peak--to--Average Ratio @ 0.01% Probability on CCDF
PAR
—
9
—
dB
Adjacent Channel Power Ratio
ACPR
—
–50
–46
dBc
Input Return Loss
IRL
—
–15
–10
dB
1. Measured in Freescale Narrowband Test Fixture.
2. See Appendix A for functional test fixture documentation.
3. Part internally matched both on input and output.
4. Measurements made with device in straight lead configuration before any lead forming operation is applied. Lead forming is used for gull
wing (GN) parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com