Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MML09211HT1 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MML09211HT1
Description  Low Noise Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MML09211HT1 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MML09211HT1 Datasheet HTML 2Page - NXP Semiconductors MML09211HT1 Datasheet HTML 3Page - NXP Semiconductors MML09211HT1 Datasheet HTML 4Page - NXP Semiconductors MML09211HT1 Datasheet HTML 5Page - NXP Semiconductors MML09211HT1 Datasheet HTML 6Page - NXP Semiconductors MML09211HT1 Datasheet HTML 7Page - NXP Semiconductors MML09211HT1 Datasheet HTML 8Page - NXP Semiconductors MML09211HT1 Datasheet HTML 9Page - NXP Semiconductors MML09211HT1 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
RF Device Data
Freescale Semiconductor, Inc.
MML09211HT1
50 OHM TYPICAL CHARACTERISTICS: 900 MHz
Figure 8. Noise Figure versus Frequency
versus Temperature
f, FREQUENCY (MHz)
1.4
0.4
0.8
1.2
0.6
0.2
1
25C
85C
--40C
VDD =5 Vdc
0
750
810
870
930
990
1050
Figure 9. Power Gain versus Output Power
versus Temperature, CW
Pout, OUTPUT POWER (dBm)
17
11
23
14
20
--40C
85C
25C
VDD =5 Vdc
f = 900 MHz
Figure 10. Third Order Output Intercept Point
(Two--Tone) versus IDD Current
IDD, CURRENT (mA)
36
32
20
80
26
24
30
40
18
30
50
60
70
100
90
38
VDD =5 Vdc
f = 900 MHz
1 MHz Tone Spacing
Figure 11. Third Order Output Intercept Point
(Two--Tone) versus Frequency versus Temperature
f, FREQUENCY (MHz)
35
30
32
34
31
29
33
25C
85C
--40C
VDD =5 Vdc
1 MHz Tone Spacing
38
800
840
880
920
960
1000
Figure 12. P1dB versus Frequency versus
Temperature, CW
f, FREQUENCY (MHz)
25
24
23
20
22
19
21
--40C
25C
85C
26
VDD =5 Vdc
800
840
880
920
960
1000
12.5
15.5
18.5
21.5
34
28
22
24
23
22
16
19
21
17
18
15
20
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com