Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MML09211HT1 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MML09211HT1
Description  Low Noise Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MML09211HT1 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MML09211HT1 Datasheet HTML 9Page - NXP Semiconductors MML09211HT1 Datasheet HTML 10Page - NXP Semiconductors MML09211HT1 Datasheet HTML 11Page - NXP Semiconductors MML09211HT1 Datasheet HTML 12Page - NXP Semiconductors MML09211HT1 Datasheet HTML 13Page - NXP Semiconductors MML09211HT1 Datasheet HTML 14Page - NXP Semiconductors MML09211HT1 Datasheet HTML 15Page - NXP Semiconductors MML09211HT1 Datasheet HTML 16Page - NXP Semiconductors MML09211HT1 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MML09211HT1
13
RF Device Data
Freescale Semiconductor, Inc.
50 OHM TYPICAL CHARACTERISTICS: 1400 MHz
Figure 23. S11 versus Frequency
1550
--24
--10
1250
f, FREQUENCY (MHz)
1310
--12
--14
--16
--18
--20
--22
1370
1430
1490
Figure 24. S12 versus Frequency
0
35
f, FREQUENCY (MHz)
30
25
20
10
5
15
VDD =5 Vdc
Figure 25. S21 versus Frequency
16
23
f, FREQUENCY (MHz)
22
21
20
18
17
19
VDD =5 Vdc
Figure 26. S22 versus Frequency
--24
--10
f, FREQUENCY (MHz)
--12
--14
--16
--18
--20
--22
VDD =5 Vdc
1550
1250
1310
1370
1430
1490
1550
1250
1310
1370
1430
1490
1550
1250
1310
1370
1430
1490
--44
--30
--32
--34
--36
--38
--40
--42
VDD =5 Vdc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com