Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MML09211HT1 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MML09211HT1
Description  Low Noise Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MML09211HT1 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MML09211HT1 Datasheet HTML 7Page - NXP Semiconductors MML09211HT1 Datasheet HTML 8Page - NXP Semiconductors MML09211HT1 Datasheet HTML 9Page - NXP Semiconductors MML09211HT1 Datasheet HTML 10Page - NXP Semiconductors MML09211HT1 Datasheet HTML 11Page - NXP Semiconductors MML09211HT1 Datasheet HTML 12Page - NXP Semiconductors MML09211HT1 Datasheet HTML 13Page - NXP Semiconductors MML09211HT1 Datasheet HTML 14Page - NXP Semiconductors MML09211HT1 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MML09211HT1
11
RF Device Data
Freescale Semiconductor, Inc.
50 OHM APPLICATION CIRCUIT: 1400 MHz
RF
INPUT
Figure 21. MML09211HT1 Test Circuit Schematic
BIAS
CIRCUIT
C1
C9
L1
VDD
RF
OUTPUT
1
2
3
8
6
4
5
C7
R2
C5
C8
C6
R1
L2
N.C.
C3
C4
7
C2
Table 10. MML09211HT1 Test Circuit Component Designations and Values
C1
220 pF Chip Capacitor
GRM1555C1H221JA01D
Murata
C2
33 pF Chip Capacitor
GRM1555C1H330JA01D
Murata
C3
100 pF Chip Capacitor
GRM1555C1H101JA01D
Murata
C4
0.1 F Chip Capacitor
GRM155R71C104KA88D
Murata
C5
180 pF Chip Capacitor
GRM1555C1H181JA01D
Murata
C6, C7
56 pF Chip Capacitors
GRM155C1H560JA01D
Murara
C8, C9
0.01 F Chip Capacitors
GRM155R71E103KA01D
Murata
L1
8.7 nH Chip Inductor
0402CS--8N7XGL
Coilcraft
L2
3.9 nH Chip Inductor
0402CS--3N9XGL
Coilcraft
R1
100 , 1/16 W Chip Resistor
RC0402FR--07100RL
Yageo
R2
1210 , 1/16 W Chip Resistor
RC0402FR--071K21L
Yageo
PCB
0.010, r = 3.38, Multilayer
IS680--3.38
Isola



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com