Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MML09211HT1 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MML09211HT1
Description  Low Noise Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MML09211HT1 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MML09211HT1 Datasheet HTML 6Page - NXP Semiconductors MML09211HT1 Datasheet HTML 7Page - NXP Semiconductors MML09211HT1 Datasheet HTML 8Page - NXP Semiconductors MML09211HT1 Datasheet HTML 9Page - NXP Semiconductors MML09211HT1 Datasheet HTML 10Page - NXP Semiconductors MML09211HT1 Datasheet HTML 11Page - NXP Semiconductors MML09211HT1 Datasheet HTML 12Page - NXP Semiconductors MML09211HT1 Datasheet HTML 13Page - NXP Semiconductors MML09211HT1 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
RF Device Data
Freescale Semiconductor, Inc.
MML09211HT1
50 OHM TYPICAL CHARACTERISTICS: 400 MHz
Figure 19. Noise Figure versus Frequency
f, FREQUENCY (MHz)
1.4
0.4
0.8
1.2
300
0.6
0.2
1
VDD =5 Vdc
0
340
380
420
460
500
Figure 20. Third Order Output Intercept Point
(Two--Tone) versus Frequency
f, FREQUENCY (MHz)
34
29
31
33
300
30
28
32
27
340
380
420
460
500
VDD =5 Vdc
1 MHz Tone Spacing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com