Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MML09211HT1 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MML09211HT1
Description  Low Noise Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MML09211HT1 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MML09211HT1 Datasheet HTML 8Page - NXP Semiconductors MML09211HT1 Datasheet HTML 9Page - NXP Semiconductors MML09211HT1 Datasheet HTML 10Page - NXP Semiconductors MML09211HT1 Datasheet HTML 11Page - NXP Semiconductors MML09211HT1 Datasheet HTML 12Page - NXP Semiconductors MML09211HT1 Datasheet HTML 13Page - NXP Semiconductors MML09211HT1 Datasheet HTML 14Page - NXP Semiconductors MML09211HT1 Datasheet HTML 15Page - NXP Semiconductors MML09211HT1 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
RF Device Data
Freescale Semiconductor, Inc.
MML09211HT1
50 OHM APPLICATION CIRCUIT: 1400 MHz
NOTE: To achieve optimal noise performance, it is critical that proper biasing, input matching, supply
decoupling and grounding are employed.
Figure 22. MML09211HT1 Test Circuit Component Layout
DFN 2x2--8A
Rev. 0
RFIN
RFOUT
C1
L1
C5
C8
C9
C7
R2
R1
C2
L2
C4
C3
C6
Via A
Via A
Table 10. MML09211HT1 Test Circuit Component Designations and Values
C1
220 pF Chip Capacitor
GRM1555C1H221JA01D
Murata
C2
33 pF Chip Capacitor
GRM1555C1H330JA01D
Murata
C3
100 pF Chip Capacitor
GRM1555C1H101JA01D
Murata
C4
0.1 F Chip Capacitor
GRM155R71C104KA88D
Murata
C5
180 pF Chip Capacitor
GRM1555C1H181JA01D
Murata
C6, C7
56 pF Chip Capacitors
GRM155C1H560JA01D
Murara
C8, C9
0.01 F Chip Capacitors
GRM155R71E103KA01D
Murata
L1
8.7 nH Chip Inductor
0402CS--8N7XGL
Coilcraft
L2
3.9 nH Chip Inductor
0402CS--3N9XGL
Coilcraft
R1
100 , 1/16 W Chip Resistor
RC0402FR--07100RL
Yageo
R2
1210 , 1/16 W Chip Resistor
RC0402FR--071K21L
Yageo
PCB
0.010, r = 3.38, Multilayer
IS680--3.38
Isola
(Test Circuit Component Designations and Values repeated for reference.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com