Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9528 Datasheet(PDF) 65 Page - Analog Devices

Part # AD9528
Description  JESD204B Clock Generator with 14 LVDS/HSTL Outputs
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528 Datasheet(HTML) 65 Page - Analog Devices

Back Button AD9528 Datasheet HTML 59Page - Analog Devices AD9528 Datasheet HTML 60Page - Analog Devices AD9528 Datasheet HTML 61Page - Analog Devices AD9528 Datasheet HTML 62Page - Analog Devices AD9528 Datasheet HTML 63Page - Analog Devices AD9528 Datasheet HTML 64Page - Analog Devices AD9528 Datasheet HTML 65Page - Analog Devices AD9528 Datasheet HTML 66Page - Analog Devices AD9528 Datasheet HTML 67Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 65 / 67 page
background image
Data Sheet
AD9528
Rev. D | Page 65 of 67
STATUS CONTROL (REGISTER 0x0505 TO REGISTER 0x0509)
Table 67. Status Control Signals
Address
Bits
Bit Name
Description
0x0505
[7:0]
Status Monitor 0 control
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mux Out
0
0
0
0
0
0
GND
0
0
0
0
0
1
PLL1 and PLL2 locked
0
0
0
0
1
0
PLL1 locked
0
0
0
0
1
1
PLL2 locked
0
0
0
1
0
0
Both references are missing (REFA and REFB)
0
0
0
1
0
1
Both references are missing and PLL2 is locked
0
0
0
1
1
0
REFB selected (applies only to auto select mode)
0
0
0
1
1
1
REFA is correct
0
0
1
0
0
0
REFB is correct
0
0
1
0
0
1
PLL1 in Holdover
0
0
1
0
1
0
VCXO is correct
0
0
1
0
1
1
PLL1 feedback is correct
0
0
1
1
0
0
PLL2 feedback clock is correct
0
0
1
1
0
1
Fast lock in progress
0
0
1
1
1
0
REFA and REFB are correct
0
0
1
1
1
1
All clocks are correct
0
1
0
0
0
0
PLL1 feedback divide by 2
0
1
0
0
0
1
PLL1 PFD down divide by 2
0
1
0
0
1
0
PLL1 REF divide by 2
0
1
0
0
1
1
PLL1 PFD up divide by 2
0
1
0
1
0
0
GND
0
1
0
1
0
1
GND
0
1
0
1
1
0
GND
0
1
0
1
1
1
GND
Note that all bit combinations after 010111 are reserved
0x0506
[7:0]
Status Monitor 1 control
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mux Out
0
0
0
0
0
0
GND
0
0
0
0
0
1
PLL1 and PLL2 locked
0
0
0
0
1
0
PLL1 locked
0
0
0
0
1
1
PLL2 locked
0
0
0
1
0
0
Both references are missing (REFA and REFB)
0
0
0
1
0
1
Both references are missing and PLL2 is locked
0
0
0
1
1
0
REFB selected (applies only to auto select mode)
0
0
0
1
1
1
REFA is correct
0
0
1
0
0
0
REFB is correct
0
0
1
0
0
1
PLL1 in Holdover
0
0
1
0
1
0
VCXO is correct
0
0
1
0
1
1
PLL1 feedback is correct
0
0
1
1
0
0
PLL2 feedback clock is correct
0
0
1
1
0
1
Fast Lock in Progress
0
0
1
1
1
0
REFA and REFB are correct
0
0
1
1
1
1
All clocks are correct
0
1
0
0
0
0
GND
0
1
0
0
0
1
GND
0
1
0
0
1
0
GND
0
1
0
0
1
1
GND
0
1
0
1
0
0
PLL2 feedback divide by 2
0
1
0
1
0
1
PLL2 PFD down divide by 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com