Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9528 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9528
Description  JESD204B Clock Generator with 14 LVDS/HSTL Outputs
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9528 Datasheet HTML 25Page - Analog Devices AD9528 Datasheet HTML 26Page - Analog Devices AD9528 Datasheet HTML 27Page - Analog Devices AD9528 Datasheet HTML 28Page - Analog Devices AD9528 Datasheet HTML 29Page - Analog Devices AD9528 Datasheet HTML 30Page - Analog Devices AD9528 Datasheet HTML 31Page - Analog Devices AD9528 Datasheet HTML 32Page - Analog Devices AD9528 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 67 page
background image
Data Sheet
AD9528
Rev. D | Page 29 of 67
PLL2 Loop Filter
The PLL2 loop filter requires the connection of an external
capacitor from LF2_CAP (Pin 14) to LDO_VCO (Pin 15). The
value of the external capacitor depends on the operating mode
and the desired phase noise performance. For example, a loop
bandwidth of approximately 500 kHz produces the lowest
integrated jitter. A lower bandwidth produces lower phase noise
at 1 MHz but increases the total integrated jitter
LDO
RZERO
CPOLE2
RPOLE2
CPOLE1
VTUNE
LF2_CAP
CHARGE PUMP
LDO_VCO
Figure 31. PLL2 Loop Filter
Table 22. PLL2 Loop Filter Programmable Values
(Register 0x0205)
RZERO
(Ω)
CPOLE1
(pF)
RPOLE2
(Ω)
CPOLE2 (pF)
LF2_CAP2 (pF)
3250
48
900
Fixed at 16
Typical at 1000
3000
40
450
N/A1
N/A1
2750
32
300
N/A1
N/A1
2500
24
225
N/A1
N/A1
2250
16
N/A1
N/A1
N/A1
2100
8
N/A1
N/A1
N/A1
2000
0
N/A1
N/A1
N/A1
1850
N/A1
N/A1
N/A1
1 N/A means not applicable.
2 External loop filter capacitor.
VCO
The VCO is tunable from 3.450 GHz to 4.025 GHz. The VCO
operates off the VCO LDO supply. This LDO requires an
external compensation cap of 0.47 μF to ground. The VCO
requires calibration prior to use.
VCO Calibration
The AD9528 on-chip VCO must be manually calibrated to
ensure proper PLL2 operation over process, supply, and
temperature. VCO calibration requires a valid VCXO input
clock and applicable preprogrammed PLL1 and PLL2 register
values prior to issuing the VCO calibration to ensure a PLL2
phase lock condition.
In addition, the value of the VCO CAL feedback divider (see
Figure 30) must equal the combined divider values of both the
8-bit N2 divider and RF VCO divider (M1). For example, if the
N2 divide value is 10 and the M1 divide value is 3, the total
PLL2 multiplication value is 30 in normal operation, so the
VCO CAL divider value must be set to 30 prior to initiating a
VCO calibration. See the PLL2 Feedback Dividers section for
more details. When total PLL2 feedback divider value is 15, see
Figure 53 for the detailed procedure.
VCO calibration is initiated by transitioning the calibrate VCO
bit (Bit 0 of Register 0x0203) from 0 to 1 (this bit is not self
clearing). The setting can be performed as part of the initial
setup before executing the IO_UPDATE bit (Register 0x000F,
Bit 0 = 1). A readback bit, VCO calibration in progress
(Register 0x0509, Bit 0), indicates when a VCO calibration is in
progress by returning a logic true (that is, Bit 0 = 1), however
this bit is automatically cleared after the calibration is finished,
so it tells if the calibration started but did not finish. After
calibration, initiate a sync (see the Clock Distribution
Synchronization section). A sync occurs automatically after
calibration. See Figure 53 for the detailed procedure.
During power-up or reset, channels driven by the RF VCO
driver are automatically held in sync until the first VCO
calibration is finished. Therefore, none of those channel outputs
can occur until VCO calibration is complete.
Initiate a VCO calibration under the following conditions:
•
After changing the PLL2 N2 or M1 divider settings or after
a change in the PLL2 reference clock frequency. This
means that a VCO calibration must be initiated any time
that a PLL2 register or reference clock changes such that a
different VCO frequency is the result.
•
Whenever system calibration is desired. The VCO is
designed to operate properly over temperature extremes,
even when it is first calibrated at the opposite extreme.
However, a VCO calibration can be initiated at any time.
To calibrate using the 2× multiplier, the total feedback divide
must be >16. If the application requires the use of a feedback
divide value <16, see the following example:
For fVCXO = 122.88 MHz, fVCO = 3686.4 MHz, M1 = 3, N2 = 5,
and with the 2× multiplier enabled, the total feedback divider
value of 15 is less than the supported minimum for the
calibration divider. To calibrate, the 2× multiplier must be
disabled, and the calibration divider must be set to 30. After the
calibration is complete, the 2× multiplier is enabled and the PLL
acquires lock.
PLL2 Lock Time/VCO Calibration Time
The typical PLL2 lock time occurs within 5× the period of the
loop bandwidth, assuming a phase margin of 55°. It can take up
to 10× the period of the loop bandwidth for the PLL2 lock
detector circuit to show locked status. The typical PLL2 VCO
calibration time is 400,000 periods of the PLL2 PFD rate.
Calculate PLL2_TO in Figure 52 as
PLL2_TO = 10/LBWPLL2 + 400,000/fPFD_PLL2
where fPFD_PLL2 is the frequency of the PLL2 phase detector.
CLOCK DISTRIBUTION
The clock distribution consists of 14 individual channels
(OUT0 to OUT13). The input frequency source for each
channel output is selectable as either the PLL1 output, PLL2
output, or SYSREF. Each of the output channels also includes a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com