Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9528 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9528
Description  JESD204B Clock Generator with 14 LVDS/HSTL Outputs
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528 Datasheet(HTML) 3 Page - Analog Devices

  AD9528 Datasheet HTML 1Page - Analog Devices AD9528 Datasheet HTML 2Page - Analog Devices AD9528 Datasheet HTML 3Page - Analog Devices AD9528 Datasheet HTML 4Page - Analog Devices AD9528 Datasheet HTML 5Page - Analog Devices AD9528 Datasheet HTML 6Page - Analog Devices AD9528 Datasheet HTML 7Page - Analog Devices AD9528 Datasheet HTML 8Page - Analog Devices AD9528 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
Data Sheet
AD9528
Rev. D | Page 3 of 67
REVISION HISTORY
1/2018—Rev. C to Rev. D
Changes to Features Section and General Description
Section ................................................................................................1
Added Input Noise Sensitivity Parameter, Table 4........................6
Changes to HSTL Mode, Output Frequency Parameter, Test
Conditions/Comments Column, Table 8 and LVDS Mode, 3.5 mA,
Output Frequency Parameter, Test Conditions/Comments
Column, Table 8 ................................................................................7
Changes to CS (Input) Parameter, Table 17.................................13
Changes to Figure 2 and Table 21 .................................................16
Changes to Overview Section........................................................25
Added VCXO Input Section ..........................................................27
Changes to PLL1 Reference Switchover Section .........................27
Changes to SPI/I2C Port Selection Section and Table 24 ...........35
Change to Figure 53 ........................................................................43
Changes to Table 49 ........................................................................56
Changes to Table 57 ........................................................................59
7/2015—Rev. B to Rev. C
Changes to Differential Input Voltage, Sensitivity Frequency <
250 MHz Parameter and Differential Input Voltage, Sensitivity
Frequency > 250 MHz Parameter, Table 4.......................................6
Changes to Figure 12 Caption, Figure 13 Caption, and Figure 14
Caption .............................................................................................20
Changes to Figure 15 Caption, Figure 16 Caption, Figure 17
Caption, and Figure 18 Caption ....................................................21
Changes to Figure 27 ......................................................................25
Changes to Implementation Specific Details Section.................35
Changes to I2C Serial Port Operation Section.............................38
4/2015—Rev. A to Rev. B
Changes to Serial Control Port Section and Table 24 ................35
3/2015—Rev. 0 to Rev. A
Moved Revision History...................................................................3
Changes to Table 8 ............................................................................7
Changes to Voltage Parameter, Table 15 ......................................12
Changes to Figure 2 ........................................................................16
Added Figure 13, Renumbered Sequentially...............................20
Deleted Figure 17 ............................................................................21
Added Figure 15 ..............................................................................21
Changes to Figure 16 Caption .......................................................21
Changes to Figure 27 ......................................................................25
Changes to SYSREF Generator Section........................................34
Changes to Serial Control Port Section and Implementation
Specific Details Section ..................................................................35
Changes to Table 36 ........................................................................48
Changes to Table 37 ........................................................................52
10/2014—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com