Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9528 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9528
Description  JESD204B Clock Generator with 14 LVDS/HSTL Outputs
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9528 Datasheet HTML 7Page - Analog Devices AD9528 Datasheet HTML 8Page - Analog Devices AD9528 Datasheet HTML 9Page - Analog Devices AD9528 Datasheet HTML 10Page - Analog Devices AD9528 Datasheet HTML 11Page - Analog Devices AD9528 Datasheet HTML 12Page - Analog Devices AD9528 Datasheet HTML 13Page - Analog Devices AD9528 Datasheet HTML 14Page - Analog Devices AD9528 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
Data Sheet
AD9528
Rev. D | Page 11 of 67
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVDS Output
124
fs
Integrated BW = 200 kHz to 5 MHz
fOUT = 122.88 MHz
136
fs
Integrated BW = 200 kHz to 10 MHz
179
fs
Integrated BW = 12 kHz to 20 MHz
209
fs
Integrated BW = 10 kHz to 40 MHz
213
fs
Integrated BW = 1 kHz to 40 MHz
160
fs
Integrated BW = 1 MHz to 40 MHz
fOUT = 1228.8 MHz, Channel
Divider = 1
116
fs
Integrated BW = 200 kHz to 5 MHz
118
fs
Integrated BW = 200 kHz to 10 MHz
150
fs
Integrated BW = 12 kHz to 20 MHz
157
fs
Integrated BW = 10 kHz to 100 MHz
163
fs
Integrated BW = 1 kHz to 100 MHz
76
fs
Integrated BW = 1 MHz to 100 MHz
Single Loop Mode
HSTL Output
115
fs
Integrated BW = 200 kHz to 5 MHz
fOUT = 122.88 MHz
122
fs
Integrated BW = 200 kHz to 10 MHz
156
fs
Integrated BW = 12 kHz to 20 MHz
171
fs
Integrated BW = 10 kHz to 40 MHz
179
fs
Integrated BW = 1 kHz to 40 MHz
110
fs
Integrated BW = 1 MHz to 40 MHz
fOUT = 1228.8 MHz, Channel
Divider = 1
116
fs
Integrated BW = 200 kHz to 5 MHz
118
fs
Integrated BW = 200 kHz to 10 MHz
146
fs
Integrated BW = 12 kHz to 20 MHz
153
fs
Integrated BW = 10 kHz to 100 MHz
163
fs
Integrated BW = 1 kHz to 100 MHz
81
fs
Integrated BW = 1 MHz to 100 MHz
LVDS Output
123
fs
Integrated BW = 200 kHz to 5 MHz
fOUT = 122.88 MHz
135
fs
Integrated BW = 200 kHz to 10 MHz
177
fs
Integrated BW = 12 kHz to 20 MHz
207
fs
Integrated BW = 10 kHz to 40 MHz
214
fs
Integrated BW = 1 kHz to 40 MHz
160
fs
Integrated BW = 1 MHz to 40 MHz
fOUT = 1228.8 MHz, Channel
Divider = 1
117
fs
Integrated BW = 200 kHz to 5 MHz
119
fs
Integrated BW = 200 kHz to 10 MHz
147
fs
Integrated BW = 12 kHz to 20 MHz
155
fs
Integrated BW = 10 kHz to 100 MHz
164
fs
Integrated BW = 1 kHz to 100 MHz
83
fs
Integrated BW = 1 MHz to 100 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com