Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9528 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9528
Description  JESD204B Clock Generator with 14 LVDS/HSTL Outputs
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9528 Datasheet HTML 17Page - Analog Devices AD9528 Datasheet HTML 18Page - Analog Devices AD9528 Datasheet HTML 19Page - Analog Devices AD9528 Datasheet HTML 20Page - Analog Devices AD9528 Datasheet HTML 21Page - Analog Devices AD9528 Datasheet HTML 22Page - Analog Devices AD9528 Datasheet HTML 23Page - Analog Devices AD9528 Datasheet HTML 24Page - Analog Devices AD9528 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
Data Sheet
AD9528
Rev. D | Page 21 of 67
–30
–20
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
1: 100Hz
–96.5498dBc/Hz
2: 1kHz
–121.6777dBc/Hz
3: 10kHz
–132.7333dBc/Hz
4: 100kHz –138.8233dBc/Hz
5: 1MHz
–148.6796dBc/Hz
6: 10MHz
–161.2569dBc/Hz
7: 40MHz
–161.8592dBc/Hz
x: START 12kHz
STOP 20kHz
CENTER 10.006MHz
SPAN 19.988MHz
NOISE
ANALYSIS RANGE X: BAND MARKER
ANALYSIS RANGE Y: BAND MARKER
INTG NOISE: –80.8845dBc/19.69MHz
RMS NOISE: 127.73µrad
7.31838mdeg
RMS JITTER: 165.436fsec
RESIDUAL FM: 606.124Hz
1
2
3
5
6
7
4
Figure 15. Phase Noise, Output = 122.88 MHz, HSTL Mode, Dual Loop Mode
(VCXO = 122.88 MHz, TAITEN VCXO (A0145-0-011-3), VCO = 3686.4 MHz)
–30
–20
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
1: 100Hz
–100.4578dBc/Hz
2: 1kHz
–119.6740dBc/Hz
3: 10kHz
–128.8210dBc/Hz
4: 100kHz –133.1106dBc/Hz
5: 1MHz
–142.2744dBc/Hz
6: 10MHz
–157.2191dBc/Hz
7: 40MHz
–158.8503dBc/Hz
x: START 12kHz
STOP 20kHz
CENTER 10.006MHz
SPAN 19.988MHz
NOISE
ANALYSIS RANGE X: BAND MARKER
ANALYSIS RANGE Y: BAND MARKER
INTG NOISE: –75.3030dBc/19.69MHz
RMS NOISE: 242.865µrad
13.9152mdeg
RMS JITTER: 157.28fsec
RESIDUAL FM: 955.126Hz
1
2
7
3
4
5
6
Figure 16. Phase Noise, Output = 245.76 MHz, HSTL Mode, Dual Loop Mode
(VCXO = 122.88 MHz, Crystek VCXO CVHD-950, VCO = 3686.4 MHz)
–30
–20
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
2
3
4
5
6
1: 100Hz
–87.8362dBc/Hz
2: 1kHz
–107.4063dBc/Hz
3: 10kHz
–116.9100dBc/Hz
4: 100kHz –120.3499dBc/Hz
5: 1MHz
–130.0948dBc/Hz
6: 10MHz
–148.6848dBc/Hz
7: 40MHz
–153.0204dBc/Hz
x: START 12kHz
STOP 20kHz
CENTER 10.006MHz
SPAN 19.988MHz
NOISE
ANALYSIS RANGE X: BAND MARKER
ANALYSIS RANGE Y: BAND MARKER
INTG NOISE: –63.1118dBc/19.69MHz
RMS NOISE: 988.38µrad
56.63mdeg
RMS JITTER: 160.02fsec
RESIDUAL FM: 2.52821kHz
1
7
Figure 17. Phase Noise, Output = 983.04 MHz, HSTL Mode, Dual Loop Mode
(VCXO = 122.88 MHz, Crystek VCXO CVHD-950, VCO = 3932.16 MHz)
100
1k
10k
100k
1M
10M
100M
–30
–20
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
FREQUENCY (Hz)
2
3
4
5
6
1: 100Hz
–84.5874dBc/Hz
2: 1kHz
–105.8475dBc/Hz
3: 10kHz
–115.4067dBc/Hz
4: 100kHz –119.7711dBc/Hz
5: 1MHz
–128.8223dBc/Hz
6: 10MHz
–147.3225dBc/Hz
7: 40MHz
–152.6352dBc/Hz
x: START 12kHz
STOP 20kHz
CENTER 10.006MHz
SPAN 19.988MHz
NOISE
ANALYSIS RANGE X: BAND MARKER
ANALYSIS RANGE Y: BAND MARKER
INTG NOISE: –62.2776dBc/19.69MHz
RMS NOISE: 1.08802µrad
62.3389mdeg
RMS JITTER: 140.921fsec
RESIDUAL FM: 2.94672kHz
1
7
Figure 18. Phase Noise, Output = 1228.8 MHz, HSTL Mode, Dual Loop Mode
(VCXO = 122.88 MHz, Crystek VCXO CVHD-950, VCO = 3686.4 MHz)
600
550
500
450
400
350
300
250
200
150
100
0
0.25
0.50
SLEW RATE (V/ns)
0.75
1.00
1.25
Figure 19. RMS Jitter in Buffer Mode with Both PLL1 and PLL2 Off vs. Slew
Rate; Input Applied to the VCXO Input and Output Taken from Clock
Distribution, Phase Noise Integration Range from 12 kHz to 20 MHz to Derive
Jitter Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com