Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RWP15100-R0 Datasheet(PDF) 6 Page - RFHIC

Part # RWP15100-R0
Description  Wideband Power Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RWP15100-R0 Datasheet(HTML) 6 Page - RFHIC

  RWP15100-R0 Datasheet HTML 1Page - RFHIC RWP15100-R0 Datasheet HTML 2Page - RFHIC RWP15100-R0 Datasheet HTML 3Page - RFHIC RWP15100-R0 Datasheet HTML 4Page - RFHIC RWP15100-R0 Datasheet HTML 5Page - RFHIC RWP15100-R0 Datasheet HTML 6Page - RFHIC RWP15100-R0 Datasheet HTML 7Page - RFHIC RWP15100-R0 Datasheet HTML 8Page - RFHIC RWP15100-R0 Datasheet HTML 9Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Wideband Power Amplifier
RWP15100-R0
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facilities : 919-677-8780 / sales@rfhicusa.com
6 / 9
Version 1.0
4
Test Condition
Typical Performance @ VCC = +33V; T = 25 ; Z
℃
S = ZL = 50Ω
S11[dB]
Frequency
[GHz]
Pin = -30dBm
Pin = -20dBm
Pin = -10dBm
Pin = 0dBm
Pin = 8dBm
0.50
-7.42
-7.44
-7.43
-7.50
-7.49
1
-13.26
-13.19
-13.2
-13.05
-11.94
1.50
-10.50
-10.63
-10.63
-10.68
-10.53
2
-27.31
-27.25
-27.25
-26.75
-23.41
2.50
-15.20
-15.29
-15.20
-15.30
-14.86
min.
-27.31
-27.25
-27.25
-26.75
-23.41
max.
-7.42
-7.44
-7.43
-7.5
-7.49
S21[dB]
Frequency
[GHz]
Pin = -30dBm
Pin = -20dBm
Pin = -10dBm
Pin = 0dBm
Pin = 8dBm
0.50
52.12
51.87
51.63
50.38
44.8
1
51.73
51.43
50.89
49.23
43.04
1.50
53.69
53.29
52.53
50.37
44.74
2
54.11
53.73
53
50.64
43.56
2.50
50.19
49.94
49.42
48.16
42.59
min.
50.19
49.94
49.42
48.16
42.59
max.
54.11
53.73
53
50.64
44.8
Flatness
3.92
3.79
3.58
2.48
2.21



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com