Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RWP15100-R0 Datasheet(PDF) 4 Page - RFHIC

Part # RWP15100-R0
Description  Wideband Power Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RWP15100-R0 Datasheet(HTML) 4 Page - RFHIC

  RWP15100-R0 Datasheet HTML 1Page - RFHIC RWP15100-R0 Datasheet HTML 2Page - RFHIC RWP15100-R0 Datasheet HTML 3Page - RFHIC RWP15100-R0 Datasheet HTML 4Page - RFHIC RWP15100-R0 Datasheet HTML 5Page - RFHIC RWP15100-R0 Datasheet HTML 6Page - RFHIC RWP15100-R0 Datasheet HTML 7Page - RFHIC RWP15100-R0 Datasheet HTML 8Page - RFHIC RWP15100-R0 Datasheet HTML 9Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Wideband Power Amplifier
RWP15100-R0
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facilities : 919-677-8780 / sales@rfhicusa.com
4 / 9
Version 1.0
7
9
11
13
15
17
19
21
30.0
33.0
36.0
39.0
42.0
45.0
48.0
51.0
54.0
57.0
60.0
Frequency[GHz]
Output Power@Pin=8dBm& Ids vs. Frequency
Pout[dBm]
Ids[A]
30.0
33.0
36.0
39.0
42.0
45.0
48.0
51.0
Frequency[GHz]
Power Gain @ Pin=8dBm vs. Frequency
Gp[dB]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com