Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RWP15100-R0 Datasheet(PDF) 1 Page - RFHIC

Part # RWP15100-R0
Description  Wideband Power Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RWP15100-R0 Datasheet(HTML) 1 Page - RFHIC

  RWP15100-R0 Datasheet HTML 1Page - RFHIC RWP15100-R0 Datasheet HTML 2Page - RFHIC RWP15100-R0 Datasheet HTML 3Page - RFHIC RWP15100-R0 Datasheet HTML 4Page - RFHIC RWP15100-R0 Datasheet HTML 5Page - RFHIC RWP15100-R0 Datasheet HTML 6Page - RFHIC RWP15100-R0 Datasheet HTML 7Page - RFHIC RWP15100-R0 Datasheet HTML 8Page - RFHIC RWP15100-R0 Datasheet HTML 9Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Wideband Power Amplifier
RWP15100-R0
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facilities : 919-677-8780 / sales@rfhicusa.com
1 / 9
Version 1.0
Product Features
Applications
• GaN on SiC Broadband High Power Amplifier
• 500 ~ 2500MHz Operation Bandwidth
• Saturated Power Gain 42dB min.
• 100W Psat (min )
• Broadcasting
•Telecommunication
•Medical
Description
RWP15100-R0 is designed for Broadcasting, Telecommunication, Medical and Others. Its operating frequency range is from 500MHz
~ 2500MHz.
RWP15100-R0 used GaN on SiC technology and attached on an aluminum sub carrier with full in/out matching for broadband
performance is already applied.
Thermal control has been dramatically improved by using patented technology.
Electrical Specifications @ VCC = +33V; T = 25℃; ZS = ZL = 50Ω
PARAMETER
UNIT
MIN
TYP
MAX
Conditions
Bandwidth
MHz
500
-
2500
-
Psat
dBm
50
-
-
500MHz ~ 2500MHz
Power Gain
dB
42
-
46
@Pi = 8dBm
Gain Flatness vs Frequency
dBp-p
-
2.0
4.0
@Pi = 8dBm
Gain Variation vs Temperature
dB
-
-
±1.5
@Pi = 8dBm, -20°C ~ 60°C
Input Return Loss
dB
-
-15
-7
-
N
TH Harmonic suppression
dBc
-
-
-10
@Pi = 8dBm, CW 1-tone
Operating Voltage
V
32
33
34
VDD(=Vds)
Quiescent Current consumption
A
1.5
1.7
1.9
-
Current Consumption
A
-
10
14
@Pi = 8dBm, CW 1-tone, 33V
Power Added Efficiency
%
25
35
-
@Pi=8dBm
Spurious
dBc
-
-
-60
-
On/Off Switching Time
usec
-
4
5
On : TTL "Low"
Off : TTL "High"(200mA@Disable)
Recommended Conditions
PARAMETER
MIN
TYP
MAX
UNIT
Operating ambient Temperature
-20
-
60
°C
Storage Temperature
-40
-
105
°C


Similar Part No. - RWP15100-R0

ManufacturerPart #DatasheetDescription
logo
RFHIC
RWP15020-10 RFHIC-RWP15020-10 Datasheet
381Kb / 5P
Wideband Power Amplifier
RWP15020-1H RFHIC-RWP15020-1H Datasheet
381Kb / 5P
Wideband Power Amplifier
RWP15020-50 RFHIC-RWP15020-50 Datasheet
778Kb / 7P
Wideband Power Amplifier
RWP15020-50 RFHIC-RWP15020-50_17 Datasheet
1Mb / 7P
Wideband Power Amplifier
RWP15020-G1 RFHIC-RWP15020-G1 Datasheet
378Kb / 5P
Wideband Power Amplifier
More results

Similar Description - RWP15100-R0

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFW2500H10-28 RFHIC-RFW2500H10-28 Datasheet
227Kb / 3P
Wideband Power Amplifier
RWP05040-10 RFHIC-RWP05040-10 Datasheet
444Kb / 6P
Wideband Power Amplifier
RWP06040-G1 RFHIC-RWP06040-G1 Datasheet
363Kb / 5P
Wideband Power Amplifier
RUM43020-10 RFHIC-RUM43020-10 Datasheet
208Kb / 7P
Wideband Power Amplifier
RWP03040-10 RFHIC-RWP03040-10_14 Datasheet
757Kb / 6P
Wideband Power Amplifier
RWP03160-10 RFHIC-RWP03160-10 Datasheet
630Kb / 5P
Wideband Power Amplifier
RWP05040-10 RFHIC-RWP05040-10_14 Datasheet
770Kb / 7P
Wideband Power Amplifier
RWP06040-10 RFHIC-RWP06040-10_14 Datasheet
820Kb / 8P
Wideband Power Amplifier
RWP17050-10 RFHIC-RWP17050-10 Datasheet
682Kb / 5P
Wideband Power Amplifier
RWP15020-50 RFHIC-RWP15020-50_17 Datasheet
1Mb / 7P
Wideband Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com