Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RWP15100-R0 Datasheet(PDF) 3 Page - RFHIC

Part # RWP15100-R0
Description  Wideband Power Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RWP15100-R0 Datasheet(HTML) 3 Page - RFHIC

  RWP15100-R0 Datasheet HTML 1Page - RFHIC RWP15100-R0 Datasheet HTML 2Page - RFHIC RWP15100-R0 Datasheet HTML 3Page - RFHIC RWP15100-R0 Datasheet HTML 4Page - RFHIC RWP15100-R0 Datasheet HTML 5Page - RFHIC RWP15100-R0 Datasheet HTML 6Page - RFHIC RWP15100-R0 Datasheet HTML 7Page - RFHIC RWP15100-R0 Datasheet HTML 8Page - RFHIC RWP15100-R0 Datasheet HTML 9Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Wideband Power Amplifier
RWP15100-R0
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facilities : 919-677-8780 / sales@rfhicusa.com
3 / 9
Version 1.0
Block Diagram
Test Condition
Typical Performance @ VCC = +33V; T = 25 ; Z
℃
S = ZL = 50Ω
Pin = 8dBm
Pin = 8dBm
Freq
[GHz]
Pout
[dBm]
Pin
[dBm]
Gp
[dB]
Ids
[A]
PAE
[%]
HARMONICS
2nd[dBc]
3nd[dBc]
0.5
52.8
8.00
44.80
12.98
44.48
12.3
13.7
0.6
50.76
8.00
42.76
7.51
48.07
15
14.3
0.7
50.8
8.00
42.80
11.04
33.00
10.2
19.5
0.8
51.09
8.00
43.09
12.25
31.79
10.8
21.4
0.9
50.3
8.00
42.30
12.36
26.27
10.2
26.5
1
51.04
8.00
43.04
12.65
30.44
14
24.7
1.1
51.58
8.00
43.58
11.85
36.79
12.4
22
1.2
52.11
8.00
44.11
10.87
45.32
13.2
24.8
1.3
52.29
8.00
44.29
10.84
47.36
14
16.1
1.4
52.48
8.00
44.48
11.43
46.93
15
26.3
1.5
52.74
8.00
44.74
11.43
49.82
23
51
1.6
52.19
8.00
44.19
9.46
53.04
25
44.7
1.7
51.53
8.00
43.53
9.86
43.71
23.7
36.2
1.8
51.40
8.00
43.40
9.95
42.04
23.4
27
1.9
50.87
8.00
42.87
10.22
36.23
18.4
23.6
2
51.56
8.00
43.56
10.26
42.30
16.7
40
2.1
51.62
8.00
43.62
11.45
38.43
30.2
47.3
2.2
51.06
8.00
43.06
12.36
31.29
46.4
36.2
2.3
50.97
8.00
42.97
12.63
30.00
42.7
40.6
2.4
50.75
8.00
42.75
12.70
28.36
42.2
30.6
2.5
50.59
8.00
42.59
12.46
27.86
42
42



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com