Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RWP15100-R0 Datasheet(PDF) 2 Page - RFHIC

Part # RWP15100-R0
Description  Wideband Power Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RWP15100-R0 Datasheet(HTML) 2 Page - RFHIC

  RWP15100-R0 Datasheet HTML 1Page - RFHIC RWP15100-R0 Datasheet HTML 2Page - RFHIC RWP15100-R0 Datasheet HTML 3Page - RFHIC RWP15100-R0 Datasheet HTML 4Page - RFHIC RWP15100-R0 Datasheet HTML 5Page - RFHIC RWP15100-R0 Datasheet HTML 6Page - RFHIC RWP15100-R0 Datasheet HTML 7Page - RFHIC RWP15100-R0 Datasheet HTML 8Page - RFHIC RWP15100-R0 Datasheet HTML 9Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Wideband Power Amplifier
RWP15100-R0
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facilities : 919-677-8780 / sales@rfhicusa.com
2 / 9
Version 1.0
4
Mechanical Specification
* Connector Information : SMW420-12
PARAMETER
UNIT
VALUE
RF In/Out connector
-
SMA-Female
Interface connector
-
12-Pin Female
Dimension
mm
189(L)x91(W)x23.6(H)
Inch
7.44(L)x3.58(W)x0.92(H)
Absolute Maximum Ratings
* Input Signal Condition : CW 1-Tone
PARAMETER
UNIT
RATING
Base Plate Temperature
°C
85
Input RF Power
dBm
14 ±1
Supply Voltage
V
35
Load Mismatch Value
-
Max. 100ms @output port open or short
Packaging Information
PART NUMBER
PACKAGE
RWP15100-R0
Pallet
Precautions
Thermal Grease or Metal Thermal Interface Materials are recommended for heat dissipation.
An example would be spreading thermal grease on the bottom of the device.
Body temperature must maintain below 85°C.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com