Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC856LC5TR-R5 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC856LC5TR-R5
Description  28 Gbps, 5-Bit, Digital Time Delay
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC856LC5TR-R5 Datasheet(HTML) 5 Page - Analog Devices

  HMC856LC5TR-R5 Datasheet HTML 1Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 2Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 3Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 4Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 5Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 6Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 7Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 8Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Data Sheet
HMC856
Rev. D | Page 5 of 13
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
17
1
3
4
2
GND
PACKAGE
BASE
VEE
I+
I–
GND
5
6
GND
B0+
7
B0–
8
NC
NC
18 B4–
19 B4+
20 GND
21 GND
22 O–
23 O+
24 GND
HMC856
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT.
2. NIC = NOT INTERNALLY CONNECTED.
3. EXPOSED PAD. THE EXPOSED PAD MUST
BE CONNECTED TO THE NEGATIVE
VOLTAGE SUPPLY.
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin Number
Mnemonic
Description
1, 4, 5, 11, 14, 20, 21, 24
GND
Signal Ground.
2, 3
I+, I−
Differential Data Inputs. CML referenced to positive supply.
6, 7, 9, 10, 12, 13, 15, 16,
18, 19
B0+, B0−, B1+, B1−, B2+, B2−,
B3+, B3−, B4−, B4+
Differential Digital Control Inputs. CML referenced to positive supply.
8, 17
NC
No Connect. These pins are internally connected to the device. These pins can
be connected to radio frequency (RF)/dc ground without affecting performance.
25, 32
NIC
Not Internally Connected. These pins can be connected to radio frequency
(RF)/dc ground without affecting performance.
22, 23
O−, O+
Differential Data Outputs. CML referenced to positive supply, 50 Ω termination.
26, 31
GND
Supply Ground.
27, 30
VEE
Negative Supply Voltage. These pins and the exposed pad must be connected
to the negative voltage supply.
28
VR
Output Level Control. Output levels can be increased or decreased by
applying voltage to VR, as shown in Figure 12.
29
VB
DC Bias Voltage. VB must be connected to ground.
EPAD (VEE)
Exposed Pad. The exposed pad must be connected to the negative voltage supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com