Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC856LC5TR-R5 Datasheet(PDF) 10 Page - Analog Devices

Part # HMC856LC5TR-R5
Description  28 Gbps, 5-Bit, Digital Time Delay
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC856LC5TR-R5 Datasheet(HTML) 10 Page - Analog Devices

Back Button HMC856LC5TR-R5 Datasheet HTML 5Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 6Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 7Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 8Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 9Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 10Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 11Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 12Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
HMC856
Data Sheet
Rev. D | Page 10 of 13
THEORY OF OPERATION
The HMC856 is a wideband time delay device with a 5-bit digital
control designed for timing compensation or clock skew
management applications. The HMC856 operates from a single
−3.3 V supply and is available in a 5 mm × 5 mm LCC package.
The HMC856 can support data rates up to 28 Gbps and is able
to provide 100 ps variable delay with 3 ps resolution. The total
propagation delay of the HMC856 varies between 250 ps and
350 ps. The maximum achievable bandwidth of the HMC856
depends on the power of the input signal. The highest
bandwidth of the device is at the larger input power levels, as
shown in Figure 23.
The HMC856 uses a CML interface, which uses 50 Ω internal
terminations to the ground. The input and output pins can be
interfaced with either ac or dc coupling. For ac coupling, using a
series resistor, which is effectively short circuit, and an ac load of
50 Ω is recommended. For dc coupling, inputs and outputs can be
directly interfaced with another CML circuit. The control lines, B4
to B0, are also CML, but they are terminated with 600 Ω to the
positive rail for low power operation.
The HMC856 features an output level control pin, VR, that
allows loss compensation or signal level optimization. VR can
have a voltage value between −1.2 V and 0.4 V, which results in
a differential output swing of 500 mV p-p and 1350 mV p-p.
Increasing the output swing affects the rise and fall times. As
VR becomes higher, the rise and fall times increase. Changing
the VR pin also changes the power dissipation because the
HMC856 can consume between 140 mA and 200 mA at room
temperature depending on the VR pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com