Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC856LC5TR-R5 Datasheet(PDF) 12 Page - Analog Devices

Part # HMC856LC5TR-R5
Description  28 Gbps, 5-Bit, Digital Time Delay
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC856LC5TR-R5 Datasheet(HTML) 12 Page - Analog Devices

Back Button HMC856LC5TR-R5 Datasheet HTML 5Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 6Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 7Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 8Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 9Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 10Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 11Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 12Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
HMC856
Data Sheet
Rev. D | Page 12 of 13
TYPICAL APPLICATION CIRCUIT
C3
100pF
C4
100pF
C5
100pF
C2
4.7µF
JP1
1
2
+
+
C1
4.7µF
R1
10Ω
R5
2.7kΩ
2 4 6 8 10
1 3 5 7 9
VEE
J11
J5
R4
2.7kΩ
R3
2.7kΩ
R2
1.2kΩ
R6
2.7kΩ
R7
2.7kΩ
R8
10Ω
VB
J12
J9
I+
J1
I–
J2
VS
J7
J10
O+
J4
O–
J3
VT
J8
VR
J13
GND
J14
17
1
50Ω
50Ω
50Ω
50Ω
600Ω
600Ω
600Ω 600Ω
600Ω
3
4
2
5
6
7
8
18
19
20
21
22
23
24
DELAY
Figure 25. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com