Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC856LC5TR-R5 Datasheet(PDF) 7 Page - Analog Devices

Part # HMC856LC5TR-R5
Description  28 Gbps, 5-Bit, Digital Time Delay
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC856LC5TR-R5 Datasheet(HTML) 7 Page - Analog Devices

Back Button HMC856LC5TR-R5 Datasheet HTML 3Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 4Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 5Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 6Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 7Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 8Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 9Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 10Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Data Sheet
HMC856
Rev. D | Page 7 of 13
TYPICAL PERFORMANCE CHARACTERISTICS
VEE = −3.3 V, VR = 0 V, 400 mV, 28 Gbps, PRBS 215 − 1, input applied, unless otherwise noted.
280
120
140
160
180
200
220
240
260
–3.7
–3.6
–3.5
–3.4
–3.3
–3.2
–3.1
–3.0
–2.9
SUPPLY VOLTAGE (V)
+85°C
+25°C
–40°C
Figure 9. DC Current vs. Supply Voltage, VR = 0 V at Various Temperatures
280
80
100
120
140
160
180
200
220
240
260
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
VR (V)
+85°C
+25°C
–40°C
Figure 10. DC Current vs. VR at Various Temperatures
1500
700
800
900
1000
1100
1200
1300
1400
–3.7
–3.6
–3.5
–3.4
–3.3
–3.2
–3.1
–3.0
–2.9
SUPPLY VOLTAGE (V)
+85°C
+25°C
–40°C
Figure 11. Differential Output Voltage vs. Supply Voltage at Various
Temperatures
1500
500
600
700
800
900
1000
1100
1200
1300
1400
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
VR (V)
+85°C
+25°C
–40°C
Figure 12. Differential Output Voltage vs. VR at Various Temperatures
24
14
16
18
20
22
–3.7
–3.6
–3.5
–3.4
–3.3
–3.2
–3.1
–3.0
–2.9
SUPPLY VOLTAGE (V)
RISE
FALL
Figure 13. Rise/Fall Time vs. Supply Voltage
26
16
18
20
22
24
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
VR (V)
RISE
FALL
Figure 14. Rise/Fall Time vs. VR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com