Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC856LC5TR-R5 Datasheet(PDF) 11 Page - Analog Devices

Part # HMC856LC5TR-R5
Description  28 Gbps, 5-Bit, Digital Time Delay
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC856LC5TR-R5 Datasheet(HTML) 11 Page - Analog Devices

Back Button HMC856LC5TR-R5 Datasheet HTML 5Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 6Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 7Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 8Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 9Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 10Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 11Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 12Page - Analog Devices HMC856LC5TR-R5 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Data Sheet
HMC856
Rev. D | Page 11 of 13
APPLICATIONS INFORMATION
EVALUATION PRINTED CIRCUIT BOARD (PCB)
The evaluation PCB of the HMC856 uses RF circuit design
techniques. Signal lines must have 50 Ω impedance whereas the
package ground leads must connect directly to the ground plane
similar to that shown in Figure 25. The exposed metal package
base must connect to VEE. A sufficient number of via holes must
connect the top and bottom ground planes. The evaluation PCB
shown in Figure 24 is available from Analog Devices, Inc., upon
request. Install a jumper on the JP1 header to short VR to GND
for normal operation.
Table 4. Bill of Materials for the Evaluation PCB 127102-
HMC856LC51
Item
Description
J1 to J4
K connectors
J5
0.1 inch 2 × 5 header
J7 to J14
0.04 inch dc pin
JP1
0.1 inch 2 position header with shunt
C1, C2
4.7 μF capacitor, Case A
C3 to C5
100 pF capacitor, 0402 package
R1, R8
10 Ω resistor, 0603 package
R2
1.2 kΩ resistor, 0603 package
R3 to R7
2.7 kΩ resistor, 0603 package
U1
28 Gbps digital time delay HMC856
PCB2
127100 evaluation board PCB
1
127100 is the raw bare PCB. Reference 127102-HMC856LC5 when ordering
the complete evaluation PCB.
2
Use Arlon 25FR or Rogers 4350 for circuit board material.
Figure 24. Evaluation Board Layout, Top Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com